Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMCI-0603-R47 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ASMCI-0603-R47
Description  SMD Multilayer Chip Inductor for Choke
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASMCI-0603-R47 Datasheet(HTML) 1 Page - Abracon Corporation

  ASMCI-0603-R47 Datasheet HTML 1Page - Abracon Corporation ASMCI-0603-R47 Datasheet HTML 2Page - Abracon Corporation ASMCI-0603-R47 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ASMCI-0603
ELECTRICAL SPECIFICATIONS:
RoHS
Compliant
SMD Multilayer Chip Inductor for Choke
FEATURES:
APPLICATIONS:
1.60 x 0.8 x 0.8mm
Pb
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
ISO 9001:2008
30332Esperanza, Rancho Santa Margarita, California 9268
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 02.08.13
Visit
www.abracon.com for Terms & Conditions of Sale
Operating Temperature: -40˚C to +85˚C
Storage Temperature: -10˚C to +40˚C, 70% RH max
• Monolithic structure designed for high reliability
• Excellent solderability and heat resistance
• Magnetic shield designed to eliminate cross coupling
• High DC current and low DCR
Choke circuits in DC power line for PC, mobile phones,
digital cameras, camcorder, and music players.
Part Number
ASMCI-0603-
Inductance Code
Inductance
Tolerance
DCR
SRF Min.
Max. Rated Current
Units
μH
%
Ω ± 30%
MHz
mA
Symbol
L
M=±20%,
N=±30%
DCR
SRF
Ir
ASMCI-0603-R10
0.1
M, N
0.14
240
700
ASMCI-0603-R22
0.22
M, N
0.27
150
550
ASMCI-0603-R47
0.47
M, N
0.42
105
400
ASMCI-0603-1R0
1.0
M, N
0.20
75
190
ASMCI-0603-2R2
2.2
M, N
0.40
50
140
ASMCI-0603-4R7
4.7
M, N
0.60
35
100
ASMCI-0603-100
10
M, N
0.90
20
50
Test Conditions
a. Ambient Temperature: 20± 15oC
b. Relative Humidity: 65%±20%
c. Air Pressure: 86KPa to 106KPa
Inductance (L): High Accuracy RF Impedance/Material Analyzer-HP4291B+HP16192A or Equivalent,
1MHz, -20dBm or 50mV.
Direct Current Resistance (DCR): High Accuracy Milliohmeter-HP4338B or Equivalent
Self-Resonant Frequency (SRF): High Accuracy RF Impedance/Material Analyzer
HP4291B+HP16192A or Equivalent, -20dBm or 50mV.
Rated current (Ir): HP6632B system DC power supply, HP4291B+HP16192A+HP16200A or equivalent.
Definition of Rated Current (Ir): Ir is the value of DC current as inductance L (μH) decreased just 50%
against initial value.


Similar Part No. - ASMCI-0603-R47

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ASMCI-0805 ABRACON-ASMCI-0805 Datasheet
1Mb / 3P
SMD Multilayer Chip Inductor for Choke
02.08.13
ASMCI-0805-100 ABRACON-ASMCI-0805-100 Datasheet
1Mb / 3P
SMD Multilayer Chip Inductor for Choke
02.08.13
ASMCI-0805-1R0 ABRACON-ASMCI-0805-1R0 Datasheet
1Mb / 3P
SMD Multilayer Chip Inductor for Choke
02.08.13
ASMCI-0805-2R2 ABRACON-ASMCI-0805-2R2 Datasheet
1Mb / 3P
SMD Multilayer Chip Inductor for Choke
02.08.13
ASMCI-0805-4R7 ABRACON-ASMCI-0805-4R7 Datasheet
1Mb / 3P
SMD Multilayer Chip Inductor for Choke
02.08.13
More results

Similar Description - ASMCI-0603-R47

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQM18FN1R0M00D MURATA-LQM18FN1R0M00D Datasheet
42Kb / 1P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN100M70L MURATA-LQM21FN100M70L Datasheet
41Kb / 1P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM18FN100M00D MURATA-LQM18FN100M00D Datasheet
42Kb / 1P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN4R7M80L MURATA-LQM21FN4R7M80L Datasheet
45Kb / 1P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN2R2N00D MURATA-LQM21FN2R2N00D Datasheet
59Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke) LQM21F_00 Series (0805 Size)
LQH66SN103M03L MURATA-LQH66SN103M03L Datasheet
59Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke) LQM21F_00 Series (0805 Size)
LQM21FN100N00L MURATA-LQM21FN100N00L Datasheet
59Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN220N MURATA-LQM21FN220N Datasheet
59Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
LQM21FN1R0N00D MURATA-LQM21FN1R0N00D Datasheet
59Kb / 2P
Chip Inductor (Chip Coil) Power Inductor (Multilayer Type for Choke)
logo
Abracon Corporation
ASMCI-0805 ABRACON-ASMCI-0805 Datasheet
1Mb / 3P
SMD Multilayer Chip Inductor for Choke
02.08.13
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com