Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASMPH-0603-R68 Datasheet(PDF) 3 Page - Abracon Corporation

Part # ASMPH-0603-R68
Description  SMD Multilayer Chip Power Inductor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ASMPH-0603-R68 Datasheet(HTML) 3 Page - Abracon Corporation

  ASMPH-0603-R68 Datasheet HTML 1Page - Abracon Corporation ASMPH-0603-R68 Datasheet HTML 2Page - Abracon Corporation ASMPH-0603-R68 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
ASMPH-0603
SMD Multilayer Chip Power Inductor
ABRACON IS
ISO 9001 / QS 9000
CERTIFIED
ABRACON IS
CERTIFIED
ISO 9001:2008
30332Esperanza, Rancho Santa Margarita, California 9268
tel 949-546-8000| fax 949-546-8001 | www.abracon.com
Revised: 02.11.13
Visit
www.abracon.com for Terms & Conditions of Sale
REFLOW PROFILE:
Packing
T: 4,000pcs / reel
Dimension: mm
TAPE & REEL:
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications.
Abracon’s products are not specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component
failure could result in loss of life and/or property. For applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from
Abracon Corporation is required. Please contact Abracon Corporation for more information.
Pb
RoHS/RoHS II Compliant
1.6 x 0.8 x 0.8mm
Preheat Condition
150 to 200 ˚C; 60 to 120 sec.
Allowed time above 217 ˚C
60 to 90 sec.
Max temperature
260 ˚C
Max time at max temperature
10 sec.
Solder paste
Sn/3.0Ag/0.5Cu
Allowed Reflow time
2x max.
A
B
P
T (max)
1.0±0.2
1.8±0.2
4.0±0.1
1.1
2.45 ±0.2mm
13. 5±0.2mm
8.4+1.5/ -0.0mm
4.3 ±0.2 mm
58±2.0mm
178 ±2.0 mm
4.0 ±0.1 mm
5.0 ±0.1 mm
3.0 ±0.1 mm
max
<14.4mm



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com