Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS92CK16TMTC Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS92CK16TMTC
Description  3V BLVDS 1 to 6 Clock Buffer/Bus Transceiver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92CK16TMTC Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS92CK16TMTC Datasheet HTML 1Page - National Semiconductor (TI) DS92CK16TMTC Datasheet HTML 2Page - National Semiconductor (TI) DS92CK16TMTC Datasheet HTML 3Page - National Semiconductor (TI) DS92CK16TMTC Datasheet HTML 4Page - National Semiconductor (TI) DS92CK16TMTC Datasheet HTML 5Page - National Semiconductor (TI) DS92CK16TMTC Datasheet HTML 6Page - National Semiconductor (TI) DS92CK16TMTC Datasheet HTML 7Page - National Semiconductor (TI) DS92CK16TMTC Datasheet HTML 8Page - National Semiconductor (TI) DS92CK16TMTC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Connection Diagram
TSSOP Package Pin Description
Pin Name
Pin #
Type
Description
CLKI/O+
6
I/O
True (Positive) side of the differential clock input.
CLKI/O−
7
I/O
Complementary (Negative) side of the differential clock input.
OE
2
I
OE; this pin is active Low. When High, this pin forces all CLK
OUT
pins High. When Low, CLK
OUT pins logic state is determined by
either the CrdCLK
IN or the VID at the CLK/I/O pins with respect to
the logic level at the DE pin. This pin has a weak pullup device to
V
CC. If OE is floating, then all CLKOUT pins will be High.
DE
11
I
DE; this pin is active LOW. When Low, this pin enables the
CardCLK
IN signal to the CLKI/O pins and CLKOUT pins. When High,
the Driver is TRI-STATE®, the CLKI/O pins are inputs and determine
the state of the CLK
OUT pins. This pin has a weak pullup device to
V
CC. If DE is floating, then CLKI/O pins are TRI-STATE.
CLK
OUT
13, 15, 17, 19, 21,
23
O
6 Buffered clock (CMOS) outputs.
CrdCLK
IN
9
I
Input clock from Card (CMOS level or TTL level).
V
CC
16, 20, 24
Power
V
CC; Analog VCCA (Internally separate from VCC, connect externally
or use separate power supplies). No special power sequencing
required. Either V
CCA or VCC can be applied first, or simultaneously
apply both power supplies.
GND
1, 12, 14, 18, 22
Ground
GND
V
CCA
4
Power
Analog V
CCA (Internally separate from VCC, connect externally or use
separate power supplies). No special power sequencing required.
Either V
CCA or VCC can be applied first, or simultaneously apply both
power supplies.
GNDA
5, 8
Ground
Analog Ground (Internally separate from Ground must be connected
externally).
NC
3, 10
No Connects
DS101082-2
Order Number DS92CK16TMTC
See NS Package Number MTC24
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com