Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF2418EBK Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSF2418EBK
Description  20V Dual N-Channel MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF2418EBK Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSF2418EBK Datasheet HTML 1Page - GOOD-ARK Electronics SSF2418EBK Datasheet HTML 2Page - GOOD-ARK Electronics SSF2418EBK Datasheet HTML 3Page - GOOD-ARK Electronics SSF2418EBK Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.goodark.com
Page 1 of 4
Rev.1.0
SSF2418EBK
20V Dual N-Channel MOSFET
PACKAGE MARKING AND ORDERING INFORMATION
Device Marking
Device
Device Package
Reel Size
Tape Width
Quantity
2418E
SSF2418EBK
SOT23-6
Ø330mm
12mm
3000 units
ABSOLUTE MAXIMUM RATINGS (TA=25℃unless otherwise noted)
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
±12
V
ID
6
A
Drain Current-Continuous@ Current-Pulsed (Note 1)
IDM
30
A
Maximum Power Dissipation
PD
1.3
W
Operating Junction and Storage Temperature Range
TJ,TSTG
-55 To 150
℃
THERMAL CHARACTERISTICS
Thermal Resistance,Junction-to-Ambient (Note 2)
RθJA
95
/W
℃
ELECTRICAL CHARACTERISTICS (TA=25℃unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=250μA
20
V
GENERAL FEATURES
● VDS = 20V,ID =6A
RDS(ON) < 30mΩ @ VGS=2.5V
RDS(ON) < 26mΩ @ VGS=3.1V
RDS(ON) < 22mΩ @ VGS=4.0V
RDS(ON) < 21mΩ @ VGS=4.5V
ESD Rating:2000V HBM
● High Power and current handing capability
● Lead free product
● Surface Mount Package
APPLICATIONS
●Battery protection
●Load switch
●Power management
Marking and Pin Assignment
SOT23-6 Top View
DESCRIPTION
The SSF2418EBK uses advanced trench technology
to provide excellent RDS(ON), low gate charge and
operation with gate voltages as low as 2.5V.
This
device is suitable for use as a load switch. It is
ESD protected.
Schematic Diagram


Similar Part No. - SSF2418EBK

ManufacturerPart #DatasheetDescription
logo
GOOD-ARK Electronics
SSF2418EBK GOOD-ARK-SSF2418EBK_15 Datasheet
514Kb / 4P
20V Dual N-Channel MOSFET
More results

Similar Description - SSF2418EBK

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TSM9926D TSC-TSM9926D_08 Datasheet
390Kb / 6P
20V Dual N-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6804A AOSMD-AO6804A Datasheet
204Kb / 5P
20V Dual N-Channel MOSFET
AON3806 AOSMD-AON3806_12 Datasheet
237Kb / 5P
20V Dual N-Channel MOSFET
AON7820 AOSMD-AON7820 Datasheet
297Kb / 6P
20V Dual N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF2122E GOOD-ARK-SSF2122E_15 Datasheet
1Mb / 8P
20V Dual N-Channel MOSFET
SSF2112H2 GOOD-ARK-SSF2112H2_15 Datasheet
811Kb / 7P
20V Dual N-Channel MOSFET
SSF2814E GOOD-ARK-SSF2814E_15 Datasheet
471Kb / 4P
20V Dual N-Channel MOSFET
SSF2316E GOOD-ARK-SSF2316E_15 Datasheet
321Kb / 4P
20V Dual N-Channel MOSFET
SSF9926 GOOD-ARK-SSF9926 Datasheet
442Kb / 4P
20V Dual N-Channel MOSFET
SSF2418E GOOD-ARK-SSF2418E Datasheet
553Kb / 6P
20V Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com