Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GS1086CT2.5 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # GS1086CT2.5
Description  1.5A Low Dropout Positive Adjustable Regulator
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GS1086CT2.5 Datasheet(HTML) 4 Page - Vishay Siliconix

  GS1086CT2.5 Datasheet HTML 1Page - Vishay Siliconix GS1086CT2.5 Datasheet HTML 2Page - Vishay Siliconix GS1086CT2.5 Datasheet HTML 3Page - Vishay Siliconix GS1086CT2.5 Datasheet HTML 4Page - Vishay Siliconix GS1086CT2.5 Datasheet HTML 5Page - Vishay Siliconix GS1086CT2.5 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
GS1086
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 74801
4
12-Mar-02
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)
1.15
1.20
1.25
1.30
1.10
1.05
20
40
60
80
100
120
140
Fig. 2 – Dropout Voltage v.s.
Temperature
Ambient Temperature (
°C)
0
20
40
60
80
100
--50
--25
0
25
50
75
100
125
Fig. 4 – Adjust Pin Current
Temperature (
°C)
0
--1.6
--1.2
--0.8
--0.4
0.4
0.8
0.0
1.2
1.6
--20
0
20
40
60
80
100
120
140
Fig. 5 – Temperature Stability
Temperature (
°C)
Iout = 0.5A
IOUT = 1.5A
200
400
800
1000
1200
1400
1600
600
Output Current (mA)
0
0.4
0.8
1.2
1.6
2.0
0
100
1K
100K
10K
1M
Fig. 6 – Ripple Rejection
(with Cadj 25µF)
Frequency (Hz)
20
30
40
50
60
70
80
10
12
4
5
6
3
Fig. 3 – Minimum Load Current
(Adjustable Version)
Input / Output Differential Voltage (V)
1
2
3
4
5
0
TJ = 0°C
TJ = 25°C
TJ = 125°C
Fig. 1 – Dropout Voltage (VOUT = 3.3V)
COUT = 25
µF
COUT = 25
µF
COUT = 10
µF
COUT = 10µF
TJ = 0°C
TJ = 50°C
TJ = 125°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com