Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GSIB620 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # GSIB620
Description  Glass Passivated Single-Phase Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GSIB620 Datasheet(HTML) 1 Page - Vishay Siliconix

  GSIB620 Datasheet HTML 1Page - Vishay Siliconix GSIB620 Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GSIB620 thru GSIB680
Vishay Semiconductors
formerly General Semiconductor
Document Number 88648
www.vishay.com
1-Dec-03
1
New Product
Glass Passivated Single-Phase
Bridge Rectifier
Rectifier Reverse Voltage 200 and 800 V
Rectifier Forward Current 6.0 A
2.5 ±0.2
2.2 ±0.2
1±0.1
10 ±0.2
7.5
±0.2
2.7 ±0.2
0.7 ±0.1
4.6 ±0.2
3.6 ±0.2
+
7.5
±0.2
30 ±0.3
Case Style GSIB-5S
Dimensions in millimeters
Features
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
• This series is UL listed under the Recognized
Component Index, file number E54214
• High case dielectric strength of 1500 VRMS
• Ideal for printed circuit boards
• Glass passivated chip junction
• High surge current capability
Mechanical Data
Case: 5S Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
High temperature soldering guaranteed:
260°C/10 seconds, 0.375 (9.5mm) lead length,
5lbs. (2.3kg) tension
Mounting Position: Any(3)
Mounting Torque: 5 in-lbs max.
Weight: 0.26 oz., 7.0 g
Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
GSIB620 GSIB640 GSIB660 GSIB680
Unit
Maximum repetitive peak reverse voltage
VRRM
200
400
600
800
V
Maximum RMS voltage
VRMS
140
280
420
560
V
Maximum DC blocking voltage
VDC
200
400
600
800
V
Maximum average forward rectified
TC = 100°C
6.0(1)
output current at
TA = 25°C
IF(AV)
2.8(2)
A
Peak forward surge current single sine-wave
superimposed on rated load (JEDEC Method)
IFSM
180
A
Rating for fusing (t < 8.3ms)
I2t
120
A2sec
Typical thermal resistance per leg
RθJA
22(2)
RθJC
3.4(1)
°C/W
Operating junction and storage temperature range
TJ, TSTG
–55 to +150
°C
Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified.
Parameter
Symbol
GSIB620 GSIB640 GSIB660 GSIB680
Unit
Maximum instantaneous forward voltage drop
per leg at 3.0A
VF
0.95
V
Maximum DC reverse current at
TA = 25°C
10
rated DC blocking voltage per leg
TA = 125°C
IR
250
µA
Notes: (1) Unit case mounted on Al plate heatsink
(2) Units mounted on P.C.B. with 0.5 x 0.5" (12 x 12mm) copper pads and 0.375" (9.5mm) lead length
(3) Recommended mounting position is to bolt down on heatsink with silicone thermal compound for
maximum heat transfer with #6 screw


Similar Part No. - GSIB620

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
GSIB620 VISHAY-GSIB620 Datasheet
104Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
31-Jan-08
logo
Gulf Semiconductor
GSIB620 GULFSEMI-GSIB620 Datasheet
129Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current: 6.0A
logo
Vishay Siliconix
GSIB620 VISHAY-GSIB620 Datasheet
93Kb / 4P
Single-Phase Single In-Line Bridge Rectifiers
09-Jul-2020
GSIB620-E3/45 VISHAY-GSIB620-E3/45 Datasheet
86Kb / 5P
Single-Phase Single In-Line Bridge Rectifiers
13-Jun-14
GSIB620N VISHAY-GSIB620N Datasheet
65Kb / 3P
Single-Phase Single In-Line Bridge Rectifiers
26-Apr-13
More results

Similar Description - GSIB620

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
GBU6A ZOWIE-GBU6A Datasheet
54Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Shanghai Lunsure Electr...
W005 CHENYI-W005 Datasheet
140Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
logo
General Semiconductor
2KBP005M GE-2KBP005M Datasheet
79Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
2W005G GE-2W005G Datasheet
123Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
G5SBA20 GE-G5SBA20 Datasheet
113Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
GBU4A GE-GBU4A Datasheet
88Kb / 2P
GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
Vishay Siliconix
GBPC6 VISHAY-GBPC6 Datasheet
84Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
10-Dec-04
3KBP005M VISHAY-3KBP005M Datasheet
93Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
G2SB60 VISHAY-G2SB60 Datasheet
32Kb / 2P
Glass Passivated Single-Phase Bridge Rectifier
21-Mar-02
KBP005M VISHAY-KBP005M Datasheet
96Kb / 3P
Glass Passivated Single-Phase Bridge Rectifier
03-Dec-04
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com