Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2002 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # GTL2002
Description  2-bit bi-directional low voltage translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2002 Datasheet(HTML) 3 Page - NXP Semiconductors

  GTL2002 Datasheet HTML 1Page - NXP Semiconductors GTL2002 Datasheet HTML 2Page - NXP Semiconductors GTL2002 Datasheet HTML 3Page - NXP Semiconductors GTL2002 Datasheet HTML 4Page - NXP Semiconductors GTL2002 Datasheet HTML 5Page - NXP Semiconductors GTL2002 Datasheet HTML 6Page - NXP Semiconductors GTL2002 Datasheet HTML 7Page - NXP Semiconductors GTL2002 Datasheet HTML 8Page - NXP Semiconductors GTL2002 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
Philips Semiconductors
Product data sheet
GTL2002
2-bit bi-directional low voltage translator
2004 Sep 29
3
PIN CONFIGURATION
1
2
3
4
5
6
7
8
SREF
S1
S2
GREF
DREF
GND
D1
D2
SA00640
Figure 1. SO8 and TSSOP8 pinning
1
2
3
4
5
6
7
8
S1
S2
GND
GREF
DREF
SREF
D1
D2
SA00658
Figure 2. VSSOP8 pinning
PIN DESCRIPTION
PIN NUMBER
SO8 and
TSSOP8
VSSOP8
SYMBOL
NAME AND FUNCTION
1
4
GND
Ground (0 V)
2
1
SREF
Source of reference transistor
3, 4
2, 3
Sn
Port S1 and Port S2
5, 6
5, 6
Dn
Port D1 and Port D2
7
7
DREF
Drain of reference transistor
8
8
GREF
Gate of reference transistor
FUNCTION TABLE
HIGH-to-LOW translation assuming Dn is at the higher voltage level
GREF
DREF
SREF
In-Dn
Out-Sn
Transistor
H
H
0 V
X
X
Off
H
H
VTT
H
VTT1
On
H
H
VTT
L
L2
On
L
L
0 – VTT
X
X
Off
H = HIGH voltage level
L
= LOW voltage level
X = Don’t Care
NOTES:
1. Sn is not pulled up or pulled down.
2. Sn follows the Dn input LOW.
3. GREF should be at least 1.5 V higher than SREF for best
translator operation.
4. VTT is equal to the SREF voltage.
FUNCTION TABLE
LOW-to-HIGH translation assuming Dn is at the higher voltage level
GREF
DREF
SREF
In-Sn
Out-Dn
Transistor
H
H
0 V
X
X
Off
H
H
VTT
VTT
H1
nearly off
H
H
VTT
L
L2
On
L
L
0 – VTT
X
X
Off
H = HIGH voltage level
L
= LOW voltage level
X = Don’t Care
NOTES:
1. Dn is pulled up to VCC through an external resistor.
2. Dn follows the Sn input LOW.
3. GREF should be at least 1.5 V higher than SREF for best
translator operation.
4. VTT is equal to the SREF voltage.
CLAMP SCHEMATIC
SA00645
SREF
S1
S2
DREF
D1
D2
GREF
Figure 3. Clamp schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com