Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GTL2002D Datasheet(PDF) 9 Page - NXP Semiconductors

Part # GTL2002D
Description  2-bit bi-directional low voltage translator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

GTL2002D Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button GTL2002D Datasheet HTML 5Page - NXP Semiconductors GTL2002D Datasheet HTML 6Page - NXP Semiconductors GTL2002D Datasheet HTML 7Page - NXP Semiconductors GTL2002D Datasheet HTML 8Page - NXP Semiconductors GTL2002D Datasheet HTML 9Page - NXP Semiconductors GTL2002D Datasheet HTML 10Page - NXP Semiconductors GTL2002D Datasheet HTML 11Page - NXP Semiconductors GTL2002D Datasheet HTML 12Page - NXP Semiconductors GTL2002D Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Philips Semiconductors
Product data sheet
GTL2002
2-bit bi-directional low voltage translator
2004 Sep 29
9
AC CHARACTERISTICS FOR CBT TYPE APPLICATION
GND = 0 V; tR; CL = 50 pF
SYMBOL
PARAMETER DESCRIPTION
LIMITS
Tamb = –40 °C to +85 °C
GREF = 5 V ± 0.5 V
UNITS
Min
Mean
Max
tpd
Propagation delay1
—
—
250
ps
NOTES:
1. This parameter is warranted but not production tested. The propagation delay is based on the RC time constant of the typical on-state
resistance of the switch and a load capacitance of 50 pF, when driven by an ideal voltage source (zero output impedance).
AC WAVEFORMS
VM = 1.5 V; VIN = GND to 3.0 V
INPUT
1.5 V
OUTPUT
tPLH
tPHL
SA00639
1.5 V
1.5 V
1.5 V
3 V
0 V
VOH
VOL
Waveform 3. Input (Sn) to Output (Dn) Propagation Delays
TEST CIRCUIT AND WAVEFORMS
CL = 50 pF
500
Ω
Load Circuit
DEFINITIONS
CL =
Load capacitance includes jig and probe capacitance;
see AC CHARACTERISTICS for value.
TEST
S1
tpd
open
tPLZ/tPZL
7 V
tPHZ/tPZH
open
SA00012
500
Ω
From Output
Under Test
S1
7 V
Open
GND
Waveform 4. Load circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com