Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCS201 Datasheet(PDF) 8 Page - Microchip Technology

Part # HCS201
Description  KEELOQ Code Hopping Encoder
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

HCS201 Datasheet(HTML) 8 Page - Microchip Technology

Back Button HCS201 Datasheet HTML 4Page - Microchip Technology HCS201 Datasheet HTML 5Page - Microchip Technology HCS201 Datasheet HTML 6Page - Microchip Technology HCS201 Datasheet HTML 7Page - Microchip Technology HCS201 Datasheet HTML 8Page - Microchip Technology HCS201 Datasheet HTML 9Page - Microchip Technology HCS201 Datasheet HTML 10Page - Microchip Technology HCS201 Datasheet HTML 11Page - Microchip Technology HCS201 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
HCS201
DS41098C-page 8
© 2001 Microchip Technology Inc.
3.7.3
BAUD RATE SELECT BITS (BRS)
BRS selects the speed of transmission and the code
word blanking. Table 3-5 shows how the bit is used to
select the different baud rates and Section 5.5 provides
detailed explanation in code word blanking.
TABLE 3-5:
BAUDRATE SELECT
3.7.4
MINIMUM FOUR TRANSMISSIONS
(MTX4)
If this bit is cleared, only one code is completed if the
HCS201 is activated. If this bit is set, at least four com-
plete code words are transmitted, even if code word
blanking is enabled.
3.7.5
TRANSMIT PULSE ENABLE (TXEN)
If this bit is cleared, no transmission pulse is transmit-
ted before a transmission. If the bit is set, a START
pulse (1 TE long) is transmitted after button de-bounc-
ing, before the preamble of the first code word.
3.7.6
S3 SETTING (S3SET)
This bit determines the value of S3 in the function code
during a transmission and the high trip point selected
by VLOWS in section 3.6.2. If this bit is cleared, S3 mir-
rors S2 during a transmission. If the S3SET bit is set,
S3 in the function code (Button Status) is always set,
independent of the value of S2.
3.7.7
EXTENDED SERIAL NUMBER
(XSER)
If this bit is set, a long 32-bit Serial Number is transmit-
ted. If this bit is cleared, a standard 28-bit Serial Number
is transmitted followed by 4 bits of the function code
(Button Status).
BRS
Basic Pulse
Element
Code Words
Transmitted
0400
µsAll
1200
µs
1 out of 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com