Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDLL4150 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # FDLL4150
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

FDLL4150 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  FDLL4150 Datasheet HTML 1Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
FDLL4150
FDLL4150
SURFACE MOUNT FAST SWITCHING DIODE
Features
· Ideal for Fast Logic Applications
· Ultra Fast Switching
· High Reliability
· High Conductance
Note:
1. Valid provided that electrodes are kept at ambient temperature.
Maximum Ratings @ TA = 25°C unless otherwise specified
Electrical Characteristics @ TA = 25°C unless otherwise specified
Non-Repetitive Peak Reverse Voltage
@ 5.0
mA
VRM
75
V
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
V
RMS Reverse Voltage
VR(RMS)
35
V
Forward Continuous Current (Note 1)
IFM
400
mA
Average Rectified Output Current (Note 1)
IO
200
mA
Repetitive Peak Forward Current (Note 1)
IFRM
600
mA
Non-Repetitive Peak Forward Surge Current
@ t
£ 1.0s
@ t = 1.0
ms
IFSM
1.0
4.0
A
Power Dissipation (Note 1)
Pd
500
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RqJA
300
K/W
Operating and Storage Temperature Range
Tj,TSTG
-65 to +200
°C
Characteristic
Symbol
Min
Max
Unit
Test Condition
Maximum Forward Voltage Drop
VFM
0.54
0.66
0.76
0.82
0.87
0.62
0.74
0.86
0.92
1.00
V
IF = 1.0mA
IF = 10mA
IF = 50mA
IF = 100mA
IF = 200mA
Maximum Peak Reverse Current
IRM
¾
100
nA
mA
TA = 25
°C
TA = 150
°C
Junction Capacitance
Cj
¾
2.5
pF
VR = 0V, f = 1.0MHz
Reverse Recovery Time
trr
¾
4.0
ns
IF = IR = 200mA,
Irr = 0.1 x IR,RL = 100
W
Forward Recovery Time
tfr
¾
10
ns
IF = 200mA, VFR = 1.0V
Characteristic
Symbol
Unit
LL34/ SOD-80
A
C
B
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
Case: SOD-80/LL34, Glass
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity: Cathode Band
Weight: 0.05 grams (approx.)
Mechanical Data
!
!
!
!
!


Similar Part No. - FDLL4150

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDLL4150 FAIRCHILD-FDLL4150 Datasheet
26Kb / 3P
High Conductance Ultra Fast Diode
FDLL4150 FAIRCHILD-FDLL4150 Datasheet
336Kb / 10P
General Purpose Diodes
More results

Similar Description - FDLL4150

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com