Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FDLL4151 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # FDLL4151
Description  SURFACE MOUNT FAST SWITCHING DIODE
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

FDLL4151 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  FDLL4151 Datasheet HTML 1Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Thermal Characteristics
Electrical Characteristics T
C = 25°C unless otherwise noted
Symbol
Parameter
Value
Units
VRRM
Maximum Repetitive Reverse Voltage
75
V
IF(AV)
Average Rectified Forward Current
200
mA
IFSM
Non-repetitive Peak Forward Current
Pulse Width = 1.0 second
Pulse Width = 1.0microsecond
1.0
4.0
A
A
TSTG
Storage Temperature Range
-65 to +200
°C
TJ
Operating Junction Temperature
-65 to +200
°C
Symbol
Parameter
Value
Units
PD
Power Dissipation
500
mW
RθJA
Thermal Resistance, Junction to Ambient
350
°C/W
Symbol
Parameter
Conditions
Min.
Max
Units
VR
Breakdown Voltage
IR = 5µA75
V
VF
Forward Voltage
IF = 50mA
1
V
IR
Reverse Current
VR = 50V
VR = 30V, TA = 150°C
50
50
nA
µA
CT
Total Capacitance
VR = 0, f = 1.0MHz
4
pF
trr1
Reverse Recovery Time
IF = IR = 10mA, IRR = 1mA
RL = 100Ω
4ns
trr2
Reverse Recovery Time
VR = 6V, IF = 10mA, IRR = 1mA
RL = 100Ω
2ns
FDLL4151
Fast Switching
High Reliability
High Conductance
!
!
!
Features
Case: SOD-80/LL34, Glass
Terminals: Solderable per MIL-STD-202,
Method 208
Polarity: Cathode Band
Weight: 0.05 grams (approx.)
Mechanical Data
!
!
!
!
LL34/ SOD-80
A
C
B
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
SURFACE MOUNT FAST SWITCHING DIODE
Maximum Ratings TA = 25°C unless otherwise specified


Similar Part No. - FDLL4151

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDLL4151 FAIRCHILD-FDLL4151 Datasheet
20Kb / 2P
Small Signal Diode
More results

Similar Description - FDLL4151

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
BAS19W TRSYS-BAS19W Datasheet
115Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Won-Top Electronics
BAV70 WTE-BAV70 Datasheet
44Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Diodes Incorporated
1N4448W DIODES-1N4448W Datasheet
73Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODE
DS12002 Rev. 9 - 2
BAS19 DIODES-BAS19 Datasheet
71Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS12004 Rev. 12 - 2
BAS19W DIODES-BAS19W Datasheet
64Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
DS30118 Rev. 6 - 2
MMBD4448HT DIODES-MMBD4448HT Datasheet
167Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
DS30263 Rev. 5 - 2
logo
Won-Top Electronics
1N4150W WTE-1N4150W_06 Datasheet
40Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
1N4448W WTE-1N4448W_06 Datasheet
36Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAV19W WTE-BAV19W_06 Datasheet
49Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
BAW56 WTE-BAW56_06 Datasheet
50Kb / 4P
SURFACE MOUNT FAST SWITCHING DIODE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com