Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LS4150 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # LS4150
Description  SURFACE MOUNT FAST SWITCHING DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

LS4150 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  LS4150 Datasheet HTML 1Page - SUNMATE electronic Co., LTD LS4150 Datasheet HTML 2Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Case: LL34(SOD-80), Glass
Maximum Ratings @ TA = 25°C unless otherwise specified
LS4150
SURFACE MOUNT FAST SWITCHING DIODES
1 of 2
www.sunmate.tw
Features
Ideal for Fast Logic Applications
Ultra Fast Switching
High Reliability
High Conductance
Terminals: Solderable per MIL-STD-202,
Method 208
Marking: Cathode Band Only
Polarity: Cathode Band
Weight: 0.05 grams (approx.)
Mechanical Data
!
!
!
!
!
!
!
!
!
LL34/ SOD-80
A
C
B
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm


Similar Part No. - LS4150

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LS4150 VISHAY-LS4150 Datasheet
52Kb / 4P
Silicon Epitaxial Planar Diode
01-Apr-99
logo
Transys Electronics
LS4150 TRSYS-LS4150 Datasheet
143Kb / 2P
SURFACE MOUNT FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4150 GOOD-ARK-LS4150 Datasheet
94Kb / 2P
Fast Switching Diode
logo
Pan Jit International I...
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODES
logo
Vishay Siliconix
LS4150 VISHAY-LS4150 Datasheet
95Kb / 4P
Small Signal Fast Switching Diode
14-Feb-12
More results

Similar Description - LS4150

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
LL4148 PANJIT-LL4148_09 Datasheet
89Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODES
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
FAST SWITCHING SURFACE MOUNT DIODES
logo
Shenzhen Luguang Electr...
BAV99DW LUGUANG-BAV99DW Datasheet
312Kb / 2P
Surface Mount Fast Switching Diodes
logo
Diode Semiconductor Kor...
BAS16TW DSK-BAS16TW Datasheet
257Kb / 3P
Surface Mount Fast Switching Diodes
BAV70DW DSK-BAV70DW Datasheet
230Kb / 3P
Surface Mount Fast Switching Diodes
BAV99S DSK-BAV99S Datasheet
233Kb / 3P
Surface Mount Fast Switching Diodes
logo
Galaxy Semi-Conductor H...
BAV99S BILIN-BAV99S Datasheet
163Kb / 3P
Surface Mount Fast Switching Diodes
BAV99BRW BILIN-BAV99BRW_17 Datasheet
119Kb / 3P
Surface Mount Fast Switching Diodes
Rev.A
BAV99S BILIN-BAV99S_17 Datasheet
121Kb / 3P
Surface Mount Fast Switching Diodes
Rev.A
BAW56DW BILIN-BAW56DW_17 Datasheet
116Kb / 3P
Surface Mount Fast Switching Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com