Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LL4447 Datasheet(PDF) 1 Page - SUNMATE electronic Co., LTD

Part # LL4447
Description  SILICON EPITAXIAL PLANAR DIODES
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

LL4447 Datasheet(HTML) 1 Page - SUNMATE electronic Co., LTD

  LL4447 Datasheet HTML 1Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Peak
reverse
voltage
Max.
aver.
rectified
current
Max.
power
dissip.
at 25
oC
Max.
junction
temper-
ature
Max.
forward
voltage
drop
Max.
reverse
current
Max. reverse recovery time
Type
VRMV
IOmA
Ptot mW
Tj
oC
VFV
at
IFmA
InnA
at
VRV
trrns
Conditions
IF = 10mA, VR = 6V,
RL = 100Ω., to IR = 1mA
IF = 10mA, VR = 6V,
RL = 100Ω., to IR = 1mA
IF = 10mA, VR = 6V,
RL = 100Ω., to IR = 1mA
IF = 10mA, VR = 6V,
RL = 100Ω., to IR = 1mA
IF = 10mA, VR = 6V,
RL = 100Ω., to IR = 1mA
IF = 10mA, VR = 6V,
RL = 100Ω., to IR = 1mA
IF = 10mA, VR = 6V,
RL = 100Ω., to IR = 1mA
IF = 10mA, VR = 6V,
RL = 100Ω., to IR = 1mA
F = IR = 10mA , to IR = 1mA
F = IR = 10mA , to IR = 1mA
F = IR = 10mA , to IR = 1mA
Features
Switching Speed
Switching Speed
Features
·
· Terminals: Solderable per MIL-STD-202,
Method 208
· Polarity: Cathode Band
· Marking: Cathode Band Only
· Weight: 0.05 grams (approx.)
Mechanical Data
LL914-LL4454
SILICON EPITAXIAL PLANAR DIODES
·
LL34/ SOD-80
A
C
B
Dim
Min
Max
A
3.30
3.70
B
1.30
1.60
C
0.28
0.50
All Dimensions in mm
LL914
100
75
500
200
1.0
10
25
20
max.4.0
LL4149
100
150
500
200
1.0
10
25
20
max.4.0
LL4151
75
150
500
200
1.0
50
50
50
max.2.0
LL4152
40
150
400
175
0.55
0.10
50
30
max.2.0
LL4153
75
150
400
175
0.55
0.10
50
50
max.2.0
LL4154
35
150
500
200
1.0
30
100
25
max.2.0
LL4447
100
150
500
200
1.0
20
25
20
max.4.0
LL4449
100
150
500
200
1.0
30
25
20
max.4.0
LL4450
40
150
400
175
0.54
0.50
50
30
max.4.0
I
LL4451
40
150
400
175
0.50
0.10
50
30
max.10
I
LL4453
30
150
400
175
0.55
0.01
50
20
-
-
LL4454
75
150
400
175
1.0
10
100
50
max.4.0
I
Case: SDO-80/LL34


Similar Part No. - LL4447

ManufacturerPart #DatasheetDescription
logo
SEMTECH ELECTRONICS LTD...
LL4447 SEMTECH_ELEC-LL4447 Datasheet
113Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
logo
Nanjing International G...
LL4447 DGNJDZ-LL4447 Datasheet
65Kb / 1P
Silicon Epitaxial Planar Switching Diode
More results

Similar Description - LL4447

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
1N4148 VISHAY-1N4148 Datasheet
44Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
BAV100 VISHAY-BAV100 Datasheet
54Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
LL4154 VISHAY-LL4154 Datasheet
51Kb / 4P
Silicon Epitaxial Planar Diodes
01-Apr-99
logo
Zowie Technology Corpor...
LL4148 ZOWIE-LL4148 Datasheet
43Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
SEMTECH ELECTRONICS LTD...
MCL914 SEMTECH_ELEC-MCL914 Datasheet
286Kb / 4P
SILICON EPITAXIAL PLANAR DIODES
BAV200 SEMTECH_ELEC-BAV200 Datasheet
166Kb / 2P
SILICON EPITAXIAL PLANAR DIODES
logo
Shenzhen Luguang Electr...
BAS316 LUGUANG-BAS316 Datasheet
401Kb / 3P
Silicon Epitaxial Planar Diodes
logo
SUNMATE electronic Co.,...
1SS110 SUNMATE-1SS110 Datasheet
244Kb / 1P
SILICON EPITAXIAL PLANAR DIODES
logo
Zibo Seno Electronic En...
BAV19W ZSELEC-BAV19W Datasheet
91Kb / 3P
Silicon Epitaxial Planar Diodes
logo
SEMTECH ELECTRONICS LTD...
BAS19 SEMTECH_ELEC-BAS19_15 Datasheet
160Kb / 2P
Silicon Epitaxial Planar Diodes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com