Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT82V733 Datasheet(PDF) 2 Page - Holtek Semiconductor Inc

Part # HT82V733
Description  240mA Audio Power Amp
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82V733 Datasheet(HTML) 2 Page - Holtek Semiconductor Inc

  HT82V733 Datasheet HTML 1Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 2Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 3Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 4Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 5Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 6Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 7Page - Holtek Semiconductor Inc HT82V733 Datasheet HTML 8Page - Holtek Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Electrical Characteristics
VSS=0V, Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
Supplies
VDD
Supply Voltage
¾¾
2.4
5.0
5.5
V
VSS
Negative Supply Voltage
5V
¾¾
0
¾
V
ISTB
Standby Current
¾¾
¾
¾
1
mA
IDD
Operating Current
¾
Vi=0, No load
2
4
10
mA
VP-P=500mV, fi=1kHz
No load
4.8
12.3
23.5
Ptot
Total Power Dissipation
¾
VP-P=500mV, fi=1kHz
No load
15
60
140
mW
DC Characteristics
VI(OS)
Input Offset Voltage
5V
¾
¾
12
¾
mV
3V
¾
2.5
¾
IO
Maximum Output Current
(THD+N)/S<1%
5V
Current
¾
240
¾
mA
3V
Current
¾
160
¾
VO
Output Voltage Swing
(THD+N)/S<1%
5V
RL=16
W
1.2
¾
4
V
RL=8
W
1.8
¾
3.4
RL=4
W
2.1
¾
3
3V
RL=16
W
0.6
¾
2.3
V
RL=8
W
0.9
¾
1.9
RL=4
W
1.1
¾
1.7
PSRR
Power Supply Rejection Ratio
5V
fi=100Hz;
Vripple(p-p)=100mV
¾
71
¾
dB
3V
¾
62
¾
AC Characteristics
(THD+N)/S
Total Harmonic Distortion
Plus Noise-to-signal Ratio
5V
VO(p-p)=3.5V
RL=8
W
¾-48
¾
dB
¾
3
¾
%
3V
VO(p-p)=1.5V
RL=8
W
¾-30
¾
dB
¾
3
¾
%
S/N
Signal-to-noise Ratio
5V
¾
¾
60
¾
dB
3V
¾
58
¾
HT82V733
Rev. 1.10
2
January 6, 2003



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com