Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS8402 Datasheet(PDF) 2 Page - Integrated Circuit Systems

Part # ICS8402
Description  350MHZ, CRYSTAL-TO-LVCMOS / LVTTL FREQUENCY SYNTHESIZER
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS8402 Datasheet(HTML) 2 Page - Integrated Circuit Systems

  ICS8402 Datasheet HTML 1Page - Integrated Circuit Systems ICS8402 Datasheet HTML 2Page - Integrated Circuit Systems ICS8402 Datasheet HTML 3Page - Integrated Circuit Systems ICS8402 Datasheet HTML 4Page - Integrated Circuit Systems ICS8402 Datasheet HTML 5Page - Integrated Circuit Systems ICS8402 Datasheet HTML 6Page - Integrated Circuit Systems ICS8402 Datasheet HTML 7Page - Integrated Circuit Systems ICS8402 Datasheet HTML 8Page - Integrated Circuit Systems ICS8402 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
8402AY
www.icst.com/products/hiperclocks.html
REV. B OCTOBER 6, 2004
2
Integrated
Circuit
Systems, Inc.
ICS8402
350MHZ, CRYSTAL-TO-LVCMOS / LVTTL
FREQUENCY SYNTHESIZER
put divider to a specific default state that will automatically
occur during power-up. The TEST output is LOW when op-
erating in the parallel input mode. The relationship between
the VCO frequency, the crystal frequency and the M divider
is defined as follows:
The M value and the required values of M0 through M8 are
shown in Table 3B, Programmable VCO Frequency Function
Table. Valid M values for which the PLL will achieve lock for a
25MHz reference are defined as 10
≤ M ≤ 28. The frequency
out is defined as follows:
Serial operation occurs when nP_LOAD is HIGH and
S_LOAD is LOW. The shift register is loaded by sampling
the S_DATA bits with the rising edge of S_CLOCK. The con-
tents of the shift register are loaded into the M divider and N
output divider when S_LOAD transitions from LOW-to-HIGH.
The M divide and N output divide values are latched on the
HIGH-to-LOW transition of S_LOAD. If S_LOAD is held HIGH,
data at the S_DATA input is passed directly to the M divider
and N output divider on each rising edge of S_CLOCK. The
serial mode can be used to program the M and N bits and
test bits T1 and T0. The internal registers T0 and T1 deter-
mine the state of the TEST output as follows:
NOTE: The functional description that follows describes op-
eration using a 25MHz crystal. Valid PLL loop divider values
for different crystal or input frequencies are defined in the
Input Frequency Characteristics, Table 5, NOTE 1.
The ICS8402 features a fully integrated PLL and therefore
requires no external components for setting the loop band-
width. A fundamental crystal is used as the input to the on-
chip oscillator. The output of the oscillator is fed into the phase
detector. A 25MHz crystal provides a 25MHz phase detector
reference frequency. The VCO of the PLL operates over a
range of 250MHz to 700MHz. The output of the M divider is
also applied to the phase detector.
The phase detector and the M divider force the VCO output
frequency to be M times the reference frequency by adjusting
the VCO control voltage. Note that for some values of M (either
too high or too low), the PLL will not achieve lock. The output of
the VCO is scaled by a divider prior to being sent to each of
the LVCMOS output buffers. The divider provides a 50% out-
put duty cycle.
The programmable features of the ICS8402 support two in-
put modes to program the M divider and N output divider.
The two input operational modes are parallel and serial.
Fig-
ure 1 shows the timing diagram for each mode. In parallel
mode, the nP_LOAD input is initially LOW. The data on in-
puts M0 through M8 and N0 and N1 is passed directly to the
M divider and N output divider. On the LOW-to-HIGH transi-
tion of the nP_LOAD input, the data is latched and the M
divider remains loaded until the next LOW transition on
nP_LOAD or until a serial event occurs. As a result, the M
and N bits can be hardwired to set the M divider and N out-
FUNCTIONAL DESCRIPTION
fVCO = fxtal x M
T1
T0
TEST Output
00
LOW
0
1
Shift Register Output
1
0
Output of M divider
1
1
CMOS Fout
FIGURE 1. PARALLEL & SERIAL LOAD OPERATIONS
*NOTE: The NULL timing slot must be observed.
Time
SERIAL LOADING
PARALLEL LOADING
M, N
t
S
t
H
t
S
t
H
t
S
T1
T0
*NULL
N1
N0
M8
M7
M6
M5
M4
M3
M2
M1
M 0
FOUT = fVCO = fxtal x M
N
N
S_CLOCK
S_DATA
S_LOAD
nP_LOAD
M0:M8, N0:N1
nP_LOAD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com