Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APGA1602CGC-KA Datasheet(PDF) 1 Page - Kingbright Corporation

Part # APGA1602CGC-KA
Description  1.6x0.2mm RIGHT ANGLE SMD CHIP LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

APGA1602CGC-KA Datasheet(HTML) 1 Page - Kingbright Corporation

  APGA1602CGC-KA Datasheet HTML 1Page - Kingbright Corporation APGA1602CGC-KA Datasheet HTML 2Page - Kingbright Corporation APGA1602CGC-KA Datasheet HTML 3Page - Kingbright Corporation APGA1602CGC-KA Datasheet HTML 4Page - Kingbright Corporation APGA1602CGC-KA Datasheet HTML 5Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SPEC NO: DSAN2014
REV NO: V.2B
DATE: APR/22/2015
PAGE: 1 OF 5
APPROVED: WYNEC
CHECKED: Allen Liu
DRAWN: Q.M.Chen
ERP: 1203013815
1.6x0.2mm RIGHT ANGLE SMD CHIP LED
LAMP
Part Number: APGA1602CGC/KA
Green
Features
1.6mmx0.2mm right angle SMT LED,0.2mm thickness.
Low power consumption.
Wide viewing angle.
Ideal for backlight and indicator.
Moisture sensitivity level : level 3.
Package :2000pcs / reel.
Tinned pads for improved solderability.
RoHS compliant.
Description
The Green source color devices are made with AlGaInP on
GaAs substrate Light Emitting Diode.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.1(0.004") unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to change without prior notice.
4. The device has a single mounting surface. The device must be mounted according to the specifications.


Similar Part No. - APGA1602CGC-KA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APGA1602QBC-KA-5MAV KINGBRIGHT-APGA1602QBC-KA-5MAV Datasheet
234Kb / 5P
1.6x0.2mm RIGHT ANGLE SMD CHIP LED LAMP
APGA1602QBC/KA-5MAV KINGBRIGHT-APGA1602QBC/KA-5MAV Datasheet
234Kb / 5P
1.6x0.2mm RIGHT ANGLE SMD CHIP LED LAMP
APGA1602QWF-KA-5MAV KINGBRIGHT-APGA1602QWF-KA-5MAV Datasheet
266Kb / 4P
1.6 x 0.2 mm Right Angle SMD Chip LED Lamp
APGA1602SEC KINGBRIGHT-APGA1602SEC Datasheet
229Kb / 5P
Ideal for backlight and indicator
APGA1602SEC-E-KA KINGBRIGHT-APGA1602SEC-E-KA Datasheet
229Kb / 5P
1.6x0.2mm RIGHT ANGLE SMD CHIP LED LAMP
More results

Similar Description - APGA1602CGC-KA

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
AA2810ASYSK KINGBRIGHT-AA2810ASYSK Datasheet
235Kb / 6P
2.8X0.8mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606QBC-D KINGBRIGHT-APA1606QBC-D Datasheet
272Kb / 5P
1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606VBC-D KINGBRIGHT-APA1606VBC-D Datasheet
251Kb / 5P
1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APA3010SYCK-GX KINGBRIGHT-APA3010SYCK-GX Datasheet
243Kb / 5P
3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APBA3010EYC-GX KINGBRIGHT-APBA3010EYC-GX Datasheet
274Kb / 6P
3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APGA1602QBC-KA-5MAV KINGBRIGHT-APGA1602QBC-KA-5MAV Datasheet
234Kb / 5P
1.6x0.2mm RIGHT ANGLE SMD CHIP LED LAMP
APGA1602SEC-E-KA KINGBRIGHT-APGA1602SEC-E-KA Datasheet
229Kb / 5P
1.6x0.2mm RIGHT ANGLE SMD CHIP LED LAMP
APGA1602SYC-KA KINGBRIGHT-APGA1602SYC-KA Datasheet
229Kb / 5P
1.6x0.2mm RIGHT ANGLE SMD CHIP LED LAMP
APPA3010ZGCK KINGBRIGHT-APPA3010ZGCK Datasheet
312Kb / 5P
3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
XZCBDDGME56W SUNLED-XZCBDDGME56W Datasheet
314Kb / 4P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com