Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVE-M-R0005 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # BVE-M-R0005
Description  Precision Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

BVE-M-R0005 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  BVE-M-R0005 Datasheet HTML 1Page - RHOPOINT COMPONENTS BVE-M-R0005 Datasheet HTML 2Page - RHOPOINT COMPONENTS BVE-M-R0005 Datasheet HTML 3Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Precision Resistors
Typ / type BVE
RHOPOINT COMPONENTS LTD
Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX, ENGLAND
Tel: +44/01883 717988, Fax: +44/01883 712938, Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com
Ausgabe / Issue : 16/10/2002
BVE-2 / 3
Der jeweils aktuelle Stand des Datenblattes finden Sie auf unsere Internetseite - You can always find the current valid issue of data sheet on our homepage
Grenzwerte / Limits:
dR/R
0 nach 1*10
6 Pulsen: < 1% bei einer mittleren Pulsleistung < 1/10 P
0
dR/R
0 after 1*10
6 pulse cycles: < 1% for average pulsepower < 1/10 P
0
Lastminderungskurve
power derating
0
20
40
60
80
100
120
140
160
Kontaktstellentemperatur T
K / [
oC]
terminal temperature T
K / [
oC]
0.25
0.5
0.75
1
P / P
Nom
Stabilität 0,5%
stability 0,5%
reduzierte Stabilität 1%
reduced stability 1%
Pulsbelastungsdiagramm und Lastminderungskurve
diagram of pulse energy and power derating
pulse width
power [W]
pulse width
power [W]
10k
1k
100
10
1
0.1
100k
1M
1
10
100
1k
10k
100k
1
µs
10
µs
100
µs
1 ms
10 ms
100 ms
1 s
10 s
100 s
10M
10.4.2000



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com