Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BVR-M-R001 Datasheet(PDF) 2 Page - RHOPOINT COMPONENTS

Part # BVR-M-R001
Description  Precision Resistors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

BVR-M-R001 Datasheet(HTML) 2 Page - RHOPOINT COMPONENTS

  BVR-M-R001 Datasheet HTML 1Page - RHOPOINT COMPONENTS BVR-M-R001 Datasheet HTML 2Page - RHOPOINT COMPONENTS BVR-M-R001 Datasheet HTML 3Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Precision Resistors
Typ / type BVR
RHOPOINT COMPONENTS LTD
Holland Road, Hurst Green, Oxted, Surrey, RH8 9AX, ENGLAND
Tel: +44/01883 717988, Fax: +44/01883 712938, Email: sales@rhopointcomponents.com Website: www.rhopointcomponents.com
Ausgabe / Issue : 08/11/2001
BVR-2 / 3
Technische Änderungen vorbehalten - technical modifications reserved
Pulsbelastungsdiagramm und Lastminderungskurve
diagram of pulse energy and power derating
Lastminderungskurve (Bauteil im Silicon-Verguß)
power derating (component protected with silicon rubber)
0
0,25
0,5
0,75
1
0
20
40
60
80
100 120 140 160 180
Ko nta k ts te lle nte m pe ra tur T
K / [°C ]
te rm ina l te mpe ra t ure T
K /[ °C ]
P/ PNom
s t abilit y 0.5 %
re duc e d s t a bilit y 1 %
0,01
0,1
1
10
10 0
10 0 0
1000 0
0 ,00 000 1
0 ,00 001
0,00 01
0,00 1
0,0 1
0,1
1
10
10 0
pulse width [s]
0 ,000 1
0 ,001
0,0 1
0,1
1
10
10 0



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com