Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBH-R100-F1-1 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # PBH-R100-F1-1
Description  Precision Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

PBH-R100-F1-1 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  PBH-R100-F1-1 Datasheet HTML 1Page - RHOPOINT COMPONENTS PBH-R100-F1-1 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Precision Resistor Type PBH
Spec Sheet R371-1/2 July 97
Technical Data
Resistance range
2 mOhm - 100 Ohm
Tolerances
1 %, 5 %
Temperature coefficient ( R > 20 mOhm )
< 50 ppm/K ( 20 °C to 60 °C )
Applicable temperature range
-55 °C to +125 °C
Load capacity
3 W / 10 W with heatsink provided
Thermal resistance to aluminum base plate
Rth < 4 K/W
Thermal resistance to ambiente
Rth < 20 K/W
Dielectric withstanding voltage
500 V AC
Inductance ( R = 100 mOhm )
< 20 nH
Stability ( nominal load at 70 °C )
deviation < 0.5 % after 2,000 h
The Resistor type PBH, which is very similar to type
TO 247 for high power transistors, features small
dimensions complemented with high load capacity and
compatibility with active components.
The use of the precision resistance material MANGANIN
as well as optimization of conductor leads and resistance
structure result in a low temperature coefficient, a long-
term stability and low inductance.
The resistor is mounted through a center bore to the
heatsink, whereby the large area of the base plate will
function as an optimum heat transfer.The thermal resistance
between resistor layer and aluminum base plate is rated
below 4 K/W, so that the temperature of the resistor foil
Remarks:
- Standard resistance values according to E12 with the additionel values of 2 and 5
- Minimum quantity of other values on request
- Tolerance 0.5% for values of 10 mOhm up
will rise only little at a nominal load of 10 W, compared with
customary resistors. This again results that the absolute
resistance deviation caused by the temperature coefficient,
is very low under load and will serve for a good stability on
overloading.
The resistor is ideally suited for applications in power
electronic and control technique, as most applications at
inductive loading will require operation with switched power
regulating units.
Short connection distances and small dimensions with
high loading capacity and low inductance are a prerequisite
for obtaining high switching frequencies.
Change of the R(T)-curve to the TCR of copper terminals
for very low ohmic 2-terminal-resistors
dimensions
( mm )
20
40
60
80
100
120
T [oC]
-2
-1
1
2
dR/R [%]
>200 m
Ω
100 m
Ω
20 m
Ω
10 m
Ω
5 m
Ω
-40
-20
-40
-20
20
40
60
80
100
120
T [oC]
-0.4
-0.2
0.2
∆R/R
20 [%]
0
20
40
60
80
100
120
T
G / [
oC]
0.25
0.5
0.75
1
P / P
Nenn
power derating curve
Temperature dependence of the electrical resistance
of ISA-PLAN Resistors


Similar Part No. - PBH-R100-F1-1

ManufacturerPart #DatasheetDescription
logo
Isabellenhütte Heu...
PBH-R100-F1-1.0 ISABELLENHUETTE-PBH-R100-F1-1.0 Datasheet
497Kb / 4P
Precision resistors
More results

Similar Description - PBH-R100-F1-1

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
RUG-Z RHOPOINT-RUG-Z Datasheet
52Kb / 1P
Precision Resistor
PBV-R001-F1-1 RHOPOINT-PBV-R001-F1-1 Datasheet
36Kb / 2P
Precision Resistor
PLC-R010-5 RHOPOINT-PLC-R010-5 Datasheet
32Kb / 2P
Precision Resistor
PMA-C-R010-5 RHOPOINT-PMA-C-R010-5 Datasheet
88Kb / 2P
Precision Resistor
SMV-R003-5 RHOPOINT-SMV-R003-5 Datasheet
66Kb / 2P
Precision Resistor
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
Precision Resistor Networks
logo
M-System Co.,Ltd.
REM3 MSYSTEM-REM3 Datasheet
79Kb / 2P
PRECISION RESISTOR MODULE
REM2 MSYSTEM-REM2 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
REM MSYSTEM-REM Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
logo
IET Labs Inc.
1433 IET-1433 Datasheet
195Kb / 2P
Precision Decade Resistor
May 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com