Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBV-R001-F1-1 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # PBV-R001-F1-1
Description  Precision Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

PBV-R001-F1-1 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  PBV-R001-F1-1 Datasheet HTML 1Page - RHOPOINT COMPONENTS PBV-R001-F1-1 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Precision Resistor Type PBV
Spec Sheet R361-1/2 July 97
Technical Data
Resistance range
0.5 mOhm - 1 Ohm
Tolerances
0.5 %, 1 %, 5 %
Temperature coefficient ( R > 10 mOhm )
< 30 ppm/K ( 20 °C to 60 °C )
Applicable temperature range
-55 °C to +125 °C
Load capacity
3 W / 10 W with heatsink provided
Thermal resistance to aluminum base plate
Rth < 3 K/W
Thermal resistance to ambient
Rth < 15 K/W
Dielectric withstanding voltage
500 V AC
Inductance ( R = 50 mOhm )
< 5 nH
Stability ( nominal load at 70 °C )
deviation < 0.5 % after 2,000 h
Remarks:
- Standard resistance values according to E12 with the additionel values of 2 and 5
- Minimum quantity of other values on request
- Tolerance 0.5% for values from 4,7 mOhm
The four-terminal resistor type PBV derived from type PBH
is especially designed for the low impedance range, in
order to obtain lowest temperature coefficient values, and
in order to guarantee the independence of the resistance
value from the soldering quality. The use of the precision
resistance material MANGANIN combined with a highly
temperature resistant and humidity insusceptible Duroplast
cover as well as optimization of layout and lines result in a
high longterm stability, low temperature coefficient and low
inductance.
The shape is compatible with the latest power transistors.
The resistor is mounted through a center bore or
spring clamp to a heatsink, whereby the large area of the
base plate will provide excellent heat transfer. The low
thermal resistance between resistor foil and aluminum
base plate warrants for a low temperature rise at nominal
load in this configuration and permits transient overloading
up to one magnitude.
The resistor is ideally suited for applications in power
electronic and control technique, as most applications at
inductive loading will require operation with switched power
regulating units.
Short connection distances and small dimensions at high
load capacity and low inductance are a prerequi-
site to obtain high switching frequencies.
Temperature dependence of the electrical resistance
of ISA-PLAN Resistors
-40
-20
20
40
60
80
100
120
T [oC]
-0.4
-0.2
0.2
∆R/R
20 [%]
dimensions (mm)
0
20
40
60
80
100
120
T
G / [
oC]
0.25
0.5
0.75
1
P / P
Nenn
power derating curve


Similar Part No. - PBV-R001-F1-1

ManufacturerPart #DatasheetDescription
logo
Isabellenhütte Heu...
PBV-R001-F1-1.0 ISABELLENHUETTE-PBV-R001-F1-1.0 Datasheet
844Kb / 4P
Precision resistors
More results

Similar Description - PBV-R001-F1-1

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
RUG-Z RHOPOINT-RUG-Z Datasheet
52Kb / 1P
Precision Resistor
PBH-R100-F1-1 RHOPOINT-PBH-R100-F1-1 Datasheet
35Kb / 2P
Precision Resistor
PLC-R010-5 RHOPOINT-PLC-R010-5 Datasheet
32Kb / 2P
Precision Resistor
PMA-C-R010-5 RHOPOINT-PMA-C-R010-5 Datasheet
88Kb / 2P
Precision Resistor
SMV-R003-5 RHOPOINT-SMV-R003-5 Datasheet
66Kb / 2P
Precision Resistor
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
Precision Resistor Networks
logo
M-System Co.,Ltd.
REM3 MSYSTEM-REM3 Datasheet
79Kb / 2P
PRECISION RESISTOR MODULE
REM2 MSYSTEM-REM2 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
REM MSYSTEM-REM Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
logo
IET Labs Inc.
1433 IET-1433 Datasheet
195Kb / 2P
Precision Decade Resistor
May 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com