Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CFM-40 Datasheet(PDF) 2 Page - CUI INC

Part # CFM-40
Description  DC AXIAL FAN
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CFM-40 Datasheet(HTML) 2 Page - CUI INC

  CFM-40 Datasheet HTML 1Page - CUI INC CFM-40 Datasheet HTML 2Page - CUI INC CFM-40 Datasheet HTML 3Page - CUI INC CFM-40 Datasheet HTML 4Page - CUI INC CFM-40 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
cui.com
date 08/15/2016
│ page 2 of 5
CUI Inc
│ SERIES: CFM-40 │ DESCRIPTION: DC AXIAL FAN
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
5 Vdc input models
12 Vdc input models
4
6
5
12
5.75
13.8
Vdc
Vdc
current
5 Vdc input models
12 Vdc input models
0.16
0.10
0.24
0.13
A
A
power
5 Vdc input models
12 Vdc input models
0.80
1.20
1.2
1.56
W
W
starting voltage
at 25°C
5 Vdc input models
12 Vdc input models
4
6
Vdc
Vdc
PERFORMANCE
parameter
conditions/description
min
typ
max
units
rated speed
at 25°C, after 10 minutes
7,470
8,300
9,130
RPM
air flow
at 0 mm H
2O, see performance curves
10.00
CFM
static pressure
at 0 CFM, see performance curves
7.24
mm H
2O
noise
at 1 m
35.5
37.0
dBA
PROTECTIONS / SIGNALS1
parameter
conditions/description
min
typ
max
units
auto restart protection
available on all models
tachometer signal
available on “20” and “22” models
PWM control signal
available on “22” models
Notes:
1. See application notes for details.
SAFETY & COMPLIANCE
parameter
conditions/description
min
typ
max
units
insulation resistance of frame
at 500 Vdc between frame and positive terminal
10
MΩ
dielectric strength
at 500 Vac, 60 Hz, 1 minute between frame and
positive terminal
5
mA
safety approvals
UL/cUL 507, TUV (EN 60950-1)
EMI/EMC
EN 55022:2010+AC:2011 Class B, EN 61000-3-
2:2014, EN 61000-3-3:2013, EN 55024:2010
life expectancy
at 45°C, 15~65% RH
70,000
hours
RoHS
2011/65/EU
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-10
70
°C
storage temperature
-40
70
°C
operating humidity
non-condensing
5
90
%
storage humidity
non-condensing
5
95
%
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com