Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLC-R010-5 Datasheet(PDF) 1 Page - RHOPOINT COMPONENTS

Part # PLC-R010-5
Description  Precision Resistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RHOPOINT [RHOPOINT COMPONENTS]
Direct Link  http://www.rhopointcomponents.com
Logo RHOPOINT - RHOPOINT COMPONENTS

PLC-R010-5 Datasheet(HTML) 1 Page - RHOPOINT COMPONENTS

  PLC-R010-5 Datasheet HTML 1Page - RHOPOINT COMPONENTS PLC-R010-5 Datasheet HTML 2Page - RHOPOINT COMPONENTS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Precision Resistor Type PLC
The two terminal resistor type PLC was developed to serve
as an economic alternative to the type C-N for application
as current sensor in linearly regulated power units, switching
units, and current sources.
A decisive feature of the resistor is the high transient
overload capacity based on its good thermal abductance
from resistor material to aluminum substrate.
Remarks:
- Standard resistance values according to E6 ( Typ PLC E12 ) with the additionel values of 2 and 5
- Minimum quantity of other values on request
-40
-20
20
40
60
80
100
120
T [oC]
-0.4
-0.2
0.2
∆R/R
20 [%]
Temperature dependence of the electrical resistance
of ISA-PLAN Resistors
Change of the R(T)-curve to the TCR of copper terminals
for very low ohmic 2-terminal-resistors
power derating curve
Spec Sheet R171-1/2 July 97
dimensions (mm)
By an additional thermal contact of the aluminum carrier to
a dissipator, e.g., by depressing to a heat sink or casing,
the loading capacity can be raised to a manifold.
a
t
a
d
l
a
c
i
n
h
c
e
Ta
t
a
d
l
a
c
i
n
h
c
e
T
a
t
a
d
l
a
c
i
n
h
c
e
T
a
t
a
d
l
a
c
i
n
h
c
e
Ta
t
a
d
l
a
c
i
n
h
c
e
T
e
g
n
a
r
e
c
n
a
t
s
i
s
e
r
m
h
O
1
-
m
h
O
m
5
,
2
s
e
c
n
a
r
e
l
o
t
%
5
,
%
1
)
m
h
O
m
0
2
>
R
(
r
c
t
t
n
e
i
c
i
f
f
e
o
c
e
r
u
t
a
r
e
p
m
e
t
)
C
°
0
6
o
t
C
°
0
2
(
K
/
m
p
p
0
5
±
<
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
l
b
a
c
i
l
p
p
a
C
°
5
2
1
+
o
t
C
°
5
5
-
y
t
i
c
a
p
a
c
d
a
o
l
W
1
e
t
n
e
i
b
m
a
o
t
e
c
n
a
t
s
i
s
e
r
l
a
m
r
e
h
t
W
/
K
0
3
<
h
t
R
e
g
a
t
l
o
v
g
n
i
d
n
a
t
s
h
t
i
w
c
i
r
t
c
e
l
e
i
d
C
A
V
0
5
e
c
n
a
t
c
u
d
n
i
H
n
5
1
<
y
t
i
l
i
b
a
t
s
h
0
0
0
,
2
r
e
t
f
a
%
5
.
0
<
n
o
i
t
a
i
v
e
d
0
20
40
60
80
100
120
T
U / [
oC]
0.25
0.5
0.75
1
P / P
Nenn
-40
-20
20
40
60
80
100 120
T [oC]
-2
-1
1
2
dR/R [%]
> 200 m
Ω
50 m
Ω
20 m
Ω
10 m
Ω
5 m
Ω


Similar Part No. - PLC-R010-5

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
PLC-RPIT-120UC PHOENIX-PLC-RPIT-120UC Datasheet
174Kb / 7P
PLC sensor relay, consisting of PLC-BPIT...SEN basic terminal block with Push-In connection and pluggable miniature relay with multilayer contact, for assembly on DIN rail NS 35/7.5, 1 N/O contact, input voltage 120 V AC / 110 V DC
PLC-RPIT-12DC PHOENIX-PLC-RPIT-12DC Datasheet
186Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 12 V DC
PLC-RPIT-230UC PHOENIX-PLC-RPIT-230UC Datasheet
146Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with multi-layer contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 230 V AC/220 V DC
PLC-RPIT-24DC PHOENIX-PLC-RPIT-24DC Datasheet
169Kb / 7P
PLC actuator interface, consisting of PLC-BPIT...ACT basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 N/O contact, input voltage 24 V DC
PLC-RPIT-24UC PHOENIX-PLC-RPIT-24UC Datasheet
186Kb / 7P
PLC interface, consisting of PLC-BPIT.../21 basic terminal block with Push-In connection and pluggable miniature relay with power contact, for assembly on DIN rail NS 35/7.5, 1 PDT, input voltage 24 V AC/DC
More results

Similar Description - PLC-R010-5

ManufacturerPart #DatasheetDescription
logo
RHOPOINT COMPONENTS
RUG-Z RHOPOINT-RUG-Z Datasheet
52Kb / 1P
Precision Resistor
PBH-R100-F1-1 RHOPOINT-PBH-R100-F1-1 Datasheet
35Kb / 2P
Precision Resistor
PBV-R001-F1-1 RHOPOINT-PBV-R001-F1-1 Datasheet
36Kb / 2P
Precision Resistor
PMA-C-R010-5 RHOPOINT-PMA-C-R010-5 Datasheet
88Kb / 2P
Precision Resistor
SMV-R003-5 RHOPOINT-SMV-R003-5 Datasheet
66Kb / 2P
Precision Resistor
T912-A10K-010-02 RHOPOINT-T912-A10K-010-02 Datasheet
340Kb / 1P
Precision Resistor Networks
logo
M-System Co.,Ltd.
REM3 MSYSTEM-REM3 Datasheet
79Kb / 2P
PRECISION RESISTOR MODULE
REM2 MSYSTEM-REM2 Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
REM MSYSTEM-REM Datasheet
120Kb / 2P
PRECISION RESISTOR MODULE
logo
IET Labs Inc.
1433 IET-1433 Datasheet
195Kb / 2P
Precision Decade Resistor
May 2023
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com