Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRKC91/04A Datasheet(PDF) 5 Page - International Rectifier

Part # IRKC91/04A
Description  ADD-A-pak GEN V Power Modules
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKC91/04A Datasheet(HTML) 5 Page - International Rectifier

  IRKC91/04A Datasheet HTML 1Page - International Rectifier IRKC91/04A Datasheet HTML 2Page - International Rectifier IRKC91/04A Datasheet HTML 3Page - International Rectifier IRKC91/04A Datasheet HTML 4Page - International Rectifier IRKC91/04A Datasheet HTML 5Page - International Rectifier IRKC91/04A Datasheet HTML 6Page - International Rectifier IRKC91/04A Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IRK.91 Series
5
Bulletin I27141 rev. F 10/02
www.irf.com
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 4 - Forward Power Loss Characteristics
Fig. 3 - Forward Power Loss Characteristics
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
90
100
110
120
130
140
150
0
20
40
60
80
100
120
30°
60°
90°
120°
180°
Conduction Angle
Average Forward Current (A)
IRK.91.. Series
R
(DC) = 0.35 K/W
thJC
90
100
110
120
130
140
150
0
20
40
60
80 100 120 140 160
DC
30°
60°
90°
120° 180°
Conduction Period
Average Forward Current (A)
IRK.91.. Series
R
(DC) = 0.35 K/W
thJC
0
20
40
60
80
100
120
140
160
180
0
20
40
60
80 100 120 140 160
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction Period
Average Forward Current (A)
IRK.91.. Series
Per Junction
T = 150°C
J
0
20
40
60
80
100
120
140
020
40
60
80
100
RMS Limit
180°
120°
90°
60°
30°
Conduction Angle
Average Forward Current (A)
IRK.91.. Series
Per Junction
T = 150°C
J
400
600
800
1000
1200
1400
1600
1800
110
100
Number Of Equal Amplitude Half Cycle Current Pulses (N)
Initial T = 150°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
J
At Any Rated Load Condition And With
Rated V
Applied Following Surge.
RRM
IRK.91.. Series
Per Junction
400
600
800
1000
1200
1400
1600
1800
2000
0.01
0.1
1
Pulse Train Duration (s)
Initial T = 150°C
No Voltage Reapplied
Rated V
Reapplied
J
RRM
Versus Pulse Train Duration.
Maximum Non Repetitive Surge Current
IRK.91.. Series
Per Junction



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com