Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

XF100705A-R22M Datasheet(PDF) 2 Page - XFMRS Inc.

Part # XF100705A-R22M
Description  INDUCTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XFMRS [XFMRS Inc.]
Direct Link  http://www.xfmrs.com
Logo XFMRS - XFMRS Inc.

XF100705A-R22M Datasheet(HTML) 2 Page - XFMRS Inc.

  XF100705A-R22M Datasheet HTML 1Page - XFMRS Inc. XF100705A-R22M Datasheet HTML 2Page - XFMRS Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Temp Rise vs Power Dissipation
0
20
40
60
80
100
120
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
Total Power Dissipation(W)
系列1
Inductance vs Current
0
50
100
150
200
250
0
10
2030
405060
70
Current(A)
(25C)
(100C)
Core Loss vs Flux Density
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
0
500
1000
1500
2000
2500
3000
Flux Density(Gauss)
1.8MHz
1.4MHz
1.0MHz
800KHz
600KHz
400KHz
200KHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com