Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM2459 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2459
Description  Monolithic Single Channel 15 MHz DTV CRT Driver
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2459 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM2459 Datasheet HTML 1Page - National Semiconductor (TI) LM2459 Datasheet HTML 2Page - National Semiconductor (TI) LM2459 Datasheet HTML 3Page - National Semiconductor (TI) LM2459 Datasheet HTML 4Page - National Semiconductor (TI) LM2459 Datasheet HTML 5Page - National Semiconductor (TI) LM2459 Datasheet HTML 6Page - National Semiconductor (TI) LM2459 Datasheet HTML 7Page - National Semiconductor (TI) LM2459 Datasheet HTML 8Page - National Semiconductor (TI) LM2459 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Notes 1,
3)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
+200V
Bias Voltage (V
BB)
+15V
Input Voltage (V
IN)
-0.5V to V
BB +0.5V
Storage Temperature Range (T
STG)
−65˚C to +150˚C
Lead Temperature
(Soldering, <10 sec.)
300˚C
ESD Tolerance,
Human Body Model
2kV
Machine Model
200V
Junction Temperature
150˚C
θ
JC (typ)
4.2˚C/W
Operating Ranges (Note 2)
V
CC
+130V to +180V
V
BB
+7V to +13V
V
IN
+0V to +4V
V
OUT
+25V to +178V
Case Temperature
Refer to Figure 11
Do not operate the part without a heat sink.
Electrical Characteristics (See Figure 3 for Test Circuit)
Unless otherwise noted: V
CC = +180V, VBB = +8V, CL = 10pF, TC = 30˚C, Pin 6 floating.
DC Tests: V
IN = 2.5VDC
AC Tests: Output = 130V
PP (35V - 165V) at 1MHz
Symbol
Parameter
Conditions
LM2459
Units
Min
Typical
Max
I
CC
Supply Current
No AC Input Signal, No Output Load
6
12
mA
I
BB
Bias Current
47
mA
V
OUT, 1
DC Output Voltage
No AC Input Signal, V
IN = 2.5VDC
99
104
109
V
DC
V
OUT, 2
DC Output Voltage
No AC Input Signal, V
IN = 1.2VDC
165
170
175
V
DC
A
V
DC Voltage Gain
No AC Input Signal
-48
−51
-54
LE
Linearity Error
(Note 4), No AC Input Signal
5
%
t
R
Rise Time
(Note 5), 10% to 90%
26
ns
t
F
Fall Time
(Note 5), 90% to 10%
30
ns
OS
Overshoot
(Note 5)
5
%
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur.
Note 2: Operating ratings indicate conditions for which the device is functional, but do not guarantee specific performance limits. For guaranteed specifications and
test conditions, see the Electrical Characteristics. Datasheet min/max specification limits are guaranteed by design, test, or statistical analysis. The guaranteed
specifications apply only for the test conditions listed. Some performance characteristics may change when the device is not operated under the listed test
conditions.
Note 3: All voltages are measured with respect to GND, unless otherwise specified.
Note 4: Linearity Error is the variation in DC gain from VIN = 1.1V to VIN = 3.8V.
Note 5: Input from signal generator: tr,tf < 1 ns.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com