Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM99CIMM Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM99CIMM
Description  짹1C Accurate, High Temperature, Remote Diode Temperature Sensor with Two-Wire Interface
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM99CIMM Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM99CIMM Datasheet HTML 2Page - National Semiconductor (TI) LM99CIMM Datasheet HTML 3Page - National Semiconductor (TI) LM99CIMM Datasheet HTML 4Page - National Semiconductor (TI) LM99CIMM Datasheet HTML 5Page - National Semiconductor (TI) LM99CIMM Datasheet HTML 6Page - National Semiconductor (TI) LM99CIMM Datasheet HTML 7Page - National Semiconductor (TI) LM99CIMM Datasheet HTML 8Page - National Semiconductor (TI) LM99CIMM Datasheet HTML 9Page - National Semiconductor (TI) LM99CIMM Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
SMBus Communication
20053840
Note 1: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not apply when operating
the device beyond its rated operating conditions.
Note 2: When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > VDD), the current at that pin should be limited to 5 mA.
Parasitic components and or ESD protection circuitry are shown in the figure below for the LM99’s pins. The nominal breakdown voltage of D3 is 6.5 V. Care should
be taken not to forward bias the parasitic diode, D1, present on pins: D+, D−. Doing so by more than 50 mV may corrupt a temperature measurement.
Pin Name
PIN #
D1
D2
D3
D4
D5
D6
D7
R1
SNP
ESD CLAMP
V
DD
1
x
D+
2
x
x
xxx
x
D−
3
x
x
xxx
x
T_CRIT_A
4x
x
x
ALERT
6x
x
x
SMBData
7
x
x
x
SMBCLK
8
x
Note: An “x” indicates that the diode exists.
Note 3: See the URL ”http://www.national.com/packaging/“ for other recommendations and methods of soldering surface mount devices.
Note 4: Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
Note 5: Thermal resistance junction-to-ambient when attached to a printed circuit board with 2 oz. foil:
– MSOP-8 = 210˚C/W
Note 6: Typicals are at TA = 25˚C and represent most likely parametric norm.
Note 7: Limits are guaranteed to National’s AOQL (Average Outgoing Quality Level).
Note 8: Local temperature accuracy does not include the effects of self-heating. The rise in temperature due to self-heating is the product of the internal power
dissipation of the LM99 and the thermal resistance. See (Note 5) for the thermal resistance to be used in the self-heating calculation.
Note 9: Quiescent current will not increase substantially with an SMBus.
Note 10: This specification is provided only to indicate how often temperature data is updated. The LM99 can be read at any time without regard to conversion state
(and will yield last conversion result).
Note 11: Default values set at power up.
Note 12: The output rise time is measured from (VIN(0)max + 0.15 V) to (VIN(1)min − 0.15 V).
Note 13: The output fall time is measured from (VIN(1)min - 0.15 V) to (VIN(1)min + 0.15 V).
Note 14: Holding the SMBData and/or SMBCLK lines Low for a time interval greater than tTIMEOUT will reset the LM99’s SMBus state machine, therefore setting
SMBData and SMBCLK pins to a high impedance state.
20053813
FIGURE 1. ESD Protection Input Structure
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com