Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZ2C2 Datasheet(PDF) 3 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HZ2C2
Description  Glass-Encapsulate Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HZ2C2 Datasheet(HTML) 3 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HZ2C2 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HZ2C2 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HZ2C2 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HZ2C2 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page:P4-P3
Glass-Encapsulate Diodes
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
Characteristics at Ta = 25
(VF = 1 V Max. at IF = 100 mA)
Type
Zener Voltage
1)
Reverse Leakage Current
Dynamic Resistance
VZ
at lZT
IR
at VR
ZZT
at lZT
Min. (V)
Max. (V)
(mA)
Max. (µA)
(V)
Max. (Ω)
(mA)
HZ12A1
11.6
12.1
5
1
9.5
35
5
HZ12A2
11.9
12.4
5
1
9.5
35
5
HZ12A3
12.2
12.7
5
1
9.5
35
5
HZ12B1
12.4
12.9
5
1
9.5
35
5
HZ12B2
12.6
13.1
5
1
9.5
35
5
HZ12B3
12.9
13.4
5
1
9.5
35
5
HZ12C1
13.2
13.7
5
1
9.5
35
5
HZ12C2
13.5
14
5
1
9.5
35
5
HZ12C3
13.8
14.3
5
1
9.5
35
5
HZ15-1
14.1
14.7
5
1
11
40
5
HZ15-2
14.5
15.1
5
1
11
40
5
HZ15-3
14.9
15.5
5
1
11
40
5
HZ16-1
15.3
15.9
5
1
12
45
5
HZ16-2
15.7
16.5
5
1
12
45
5
HZ16-3
16.3
17.1
5
1
12
45
5
HZ18-1
16.9
17.7
5
1
13
55
5
HZ18-2
17.5
18.3
5
1
13
55
5
HZ18-3
18.1
19
5
1
13
55
5
HZ20-1
18.8
19.7
2
1
15
60
2
HZ20-2
19.5
20.4
2
1
15
60
2
HZ20-3
20.2
21.1
2
1
15
60
2
HZ22-1
20.9
21.9
2
1
17
65
2
HZ22-2
21.6
22.6
2
1
17
65
2
HZ22-3
22.3
23.3
2
1
17
65
2
HZ24-1
22.9
24
2
1
19
70
2
HZ24-2
23.6
24.7
2
1
19
70
2
HZ24-3
24.3
25.5
2
1
19
70
2
HZ27-1
25.2
26.6
2
1
21
80
2
HZ27-2
26.2
27.6
2
1
21
80
2
HZ27-3
27.2
28.6
2
1
21
80
2
HZ30-1
28.2
29.6
2
1
23
100
2
HZ30-2
29.2
30.6
2
1
23
100
2
HZ30-3
30.2
31.6
2
1
23
100
2
HZ33-1
31.2
32.6
2
1
25
120
2
HZ33-2
32.2
33.6
2
1
25
120
2
HZ33-3
33.2
34.6
2
1
25
120
2
HZ36-1
34.2
35.7
2
1
27
140
2
HZ36-2
35.3
36.8
2
1
27
140
2
HZ36-3
36.4
38
2
1
27
140
2
1) Tested with pulses tp = 20 ms.
HZ Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com