Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HZ2C3 Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # HZ2C3
Description  Glass-Encapsulate Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

HZ2C3 Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  HZ2C3 Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HZ2C3 Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HZ2C3 Datasheet HTML 3Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. HZ2C3 Datasheet HTML 4Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page:P4-P2
Glass-Encapsulate Diodes
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
Characteristics at Ta = 25
(VF = 1 V Max. at IF = 100 mA)
Type
Zener Voltage
1)
Reverse Leakage Current
Dynamic Resistance
VZ
at lZT
IR
at VR
ZZT
at lZT
Min. (V)
Max. (V)
(mA)
Max. (µA)
(V)
Max. (Ω)
(mA)
HZ4C3
4.2
4.4
5
5
1
100
5
HZ5A1
4.3
4.5
5
5
1.5
100
5
HZ5A2
4.4
4.6
5
5
1.5
100
5
HZ5A3
4.5
4.7
5
5
1.5
100
5
HZ5B1
4.6
4.8
5
5
1.5
100
5
HZ5B2
4.7
4.9
5
5
1.5
100
5
HZ5B3
4.8
5
5
5
1.5
100
5
HZ5C1
4.9
5.1
5
5
1.5
100
5
HZ5C2
5
5.2
5
5
1.5
100
5
HZ5C3
5.1
5.3
5
5
1.5
100
5
HZ6A1
5.2
5.5
5
5
2
40
5
HZ6A2
5.3
5.6
5
5
2
40
5
HZ6A3
5.4
5.7
5
5
2
40
5
HZ6B1
5.5
5.8
5
5
2
40
5
HZ6B2
5.6
5.9
5
5
2
40
5
HZ6B3
5.7
6
5
5
2
40
5
HZ6C1
5.8
6.1
5
5
2
40
5
HZ6C2
6
6.3
5
5
2
40
5
HZ6C3
6.1
6.4
5
5
2
40
5
HZ7A1
6.3
6.6
5
1
3.5
15
5
HZ7A2
6.4
6.7
5
1
3.5
15
5
HZ7A3
6.6
6.9
5
1
3.5
15
5
HZ7B1
6.7
7
5
1
3.5
15
5
HZ7B2
6.9
7.2
5
1
3.5
15
5
HZ7B3
7
7.3
5
1
3.5
15
5
HZ7C1
7.2
7.6
5
1
3.5
15
5
HZ7C2
7.3
7.7
5
1
3.5
15
5
HZ7C3
7.5
7.9
5
1
3.5
15
5
HZ9A1
7.7
8.1
5
1
5
20
5
HZ9A2
7.9
8.3
5
1
5
20
5
HZ9A3
8.1
8.5
5
1
5
20
5
HZ9B1
8.3
8.7
5
1
5
20
5
HZ9B2
8.5
8.9
5
1
5
20
5
HZ9B3
8.7
9.1
5
1
5
20
5
HZ9C1
8.9
9.3
5
1
5
20
5
HZ9C2
9.1
9.5
5
1
5
20
5
HZ9C3
9.3
9.7
5
1
5
20
5
HZ11A1
9.5
9.9
5
1
7.5
25
5
HZ11A2
9.7
10.1
5
1
7.5
25
5
HZ11A3
9.9
10.3
5
1
7.5
25
5
HZ11B1
10.2
10.6
5
1
7.5
25
5
HZ11B2
10.4
10.8
5
1
7.5
25
5
HZ11B3
10.7
11.1
5
1
7.5
25
5
HZ11C1
10.9
11.3
5
1
7.5
25
5
HZ11C2
11.1
11.6
5
1
7.5
25
5
HZ11C3
11.4
11.9
5
1
7.5
25
5
HZ Series



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com