Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NFVC-S Datasheet(PDF) 2 Page - NIC-Components Corp.

Part # NFVC-S
Description  Surface Mount Fuse
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NFVC-S Datasheet(HTML) 2 Page - NIC-Components Corp.

  NFVC-S Datasheet HTML 1Page - NIC-Components Corp. NFVC-S Datasheet HTML 2Page - NIC-Components Corp. NFVC-S Datasheet HTML 3Page - NIC-Components Corp. NFVC-S Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Fuse
NFVC-S Series
AVAILABLE VALUES AND RATINGS
Case Size
A
B
C
D
6125
3.0 ± 0.3 8.0 ± 0.3 3.0 ± 0.3 2.5 ± 0.3
A
B
D
C
D
Recommended Reflow Land Pattern Dimensions (mm)
Part Number
Current Rating
@ +25°C
Marking
Typical Cold
Resistance
(mΩ)*
Opening Time
(% of Current Rating)
Melting I2T
(A2×s)
nominal**
Rated
Voltage
Interrupt Rating
100%
200%
NFVC6125S0R20TRF
0.2
200
1200
4 hrs
min.
120 sec.
max.
0.056
125VAC
UL
50A
125VAC
50A
125VDC
NFVC6125S0R25TRF
0.25
250
980
0.065
NFVC6125S0R315TRF
0.315
315
680
0.155
NFVC6125S0R375TRF
0.375
375
480
0.200
NFVC6125S0R50TRF
0.5
500
250
0.312
NFVC6125S0R75TRF
0.75
750
190
0.512
NFVC6125S1R00TRF
1.0
1A
126
3.12
NFVC6125S1R25TRF
1.25
1.25A
101
4.21
NFVC6125S1R50TRF
1.5
1.5A
78
4.98
NFVC6125S1R60TRF
1.6
1.6A
74
5.85
NFVC6125S2R00TRF
2.0
2A
52
7.20
NFVC6125S2R50TRF
2.5
2.5A
38
14.05
NFVC6125S3R00TRF
3.0
3A
30
16.92
NFVC6125S3R15TRF
3.15
3.15A
26
18.68
NFVC6125S3R50TRF
3.5
3.5A
24
21.95
NFVC6125S4R00TRF
4.0
4A
21
32.80
NFVC6125S5R00TRF
5.0
5A
14
37.57
* Resistance measured at < 10% rated current and +25°C
** Melting I2T at 10 times the rated current.
REFLOW SOLDERING TEMPERATURE PROFILE
200°C
300°C
260°C
50°C
150°C
100°C
0
Pre-heat 150 ~ 200°C
60 ~ 120 sec.
5 sec. max.
Peak Temperature 260°C
220°C
Time above liquidus
20 ~ 40 sec. max.
Ramp-up 3°C/sec. max.
Ramp-down 6°C/sec. max.
-55
-35
-20
-5
10
25
40
55
70
85
100 115 130
0
20
40
60
80
100
120
TEMPERATURE DERATING CURVE
Ambient Temperature (°C)
Temp (°C) Derating Factor
-55
113.82
-45
112.15
-35
110.24
-25
108.60
-15
106.86
-5
105.22
+5
103.48
+15
101.64
+25
100.00
+35
98.29
+45
96.58
+55
95.01
+65
93.42
+75
91.75
+85
89.95
+95
87.96
+105
86.08
+115
84.25
+125
82.35



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com