Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NGTA Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NGTA
Description  Surface Mount Gas Discharge Tube
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NGTA Datasheet(HTML) 1 Page - NIC-Components Corp.

  NGTA Datasheet HTML 1Page - NIC-Components Corp. NGTA Datasheet HTML 2Page - NIC-Components Corp. NGTA Datasheet HTML 3Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
SPECIFICATIONS ARE SUBJECT TO CHANGE
Surface Mount Gas Discharge Tube
NGTA Series
FEATURES
• FAST RESPONSE, HIGH CURRENT (1,000A @ 8/20mS)
• CASE SIZE 1812 (4.5MM X 3.2MM X 2.7MM)
• LOW CAPACITANCE AND INSERTION LOSS
• UL LISTED - ISOLATED LOOP CIRCUIT PROTECTORS-COMPONENTS
• COMPATIBLE WITH REFLOW SOLDERING (+260°C)
• RoHS COMPLIANT
SPECIFICATIONS
*See Part Number System for Details
RoHS
Compliant
includes all homogeneous materials*
1. Parameters are based on ITU-T K.12
2. The V-T waveform of the DC Breakdown Voltage and Impulse Spark-over Voltage must lie between the shades areas (see graph below)
3. Total Impulse Discharge Current 1,000A @ 8/20μs by IEC 61000-4-5, 10 shots.
w
L
H
t
t
L
W
H
t
4.5 ± 0.3
3.2 ± 0.2
2.7 ± 0.2
0.5 ± 0.1
DIMENSIONS (mm)
V max.
0.2V min.
Nominal rate
of rise
Nominal rate
of
rise
Limit
Limit
V
0
0
0.9T
1
T
1
1.1T
1
0.9T
2
T
2
1.1T
2
T
NGTA 1812
401 TR
F
RoHS Compliant
TR = Tape & Reel
Voltage Code: 401 = 40 x 101 = 400 Volts
Tolerance Code (N = ±30%, See specifications table)
Case Size Code (see dimensions table)
Series
PART NUMBERING SYSTEM
N
1
1 = 1KA Impulse Discharge Current
Contact NIC regarding availability of values not shown.
Type
Breakdown
Voltage 1, 2
(100V/S)
Breakdown
Voltage
Tolerance
(V)
Impulse
Spark-over
Voltage 1, 2
(1KV/ms)
Impulse
Discharge
Current 3
(8/20ms)
Insulation
Resistance
Cap.
(1MHz,
0.5VDC)
Arc
Voltage
1A
Application
Circuit
NGTA1812N151TR1F
150V
105 ~ 195
< 650V
1,000A
≥1GW @
50V
≤1pF
~ 8V
Coaxial
NGTA1812N201TR1F
200V
140 ~ 260
≤ 750V
≥1GW @
100V
~8V
RS485
RS232
RS422
NGTA1812N301TR1F
300V
210 ~ 390
≤ 750V
~15V
DC12V
AC24V
NGTA1812N401TR1F
400V
340 ~ 550
≤ 750V
~15V
xDSL
1
2
1
2
1
2
1
2
UL Listing:
NIC COMPONENTS CORP
Isolated Loop Circuit Protectors - Component
RE: QVGQ2.E467518
Spark-over Test Waveform (ITU-T K.12)


Similar Part No. - NGTA

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NGTB03N60R2DT4G ONSEMI-NGTB03N60R2DT4G Datasheet
598Kb / 8P
IGBT 600V, 4.5A, N-Channel
September 2015 - Rev. 3
NGTB05N60R2DT4G ONSEMI-NGTB05N60R2DT4G Datasheet
527Kb / 7P
IGBT 600V, 8A, N-Channel
January 2015 - Rev. 2
NGTB10N60FG ONSEMI-NGTB10N60FG Datasheet
406Kb / 6P
N-Channel IGBT
April, 2014
NGTB10N60R2DT4G ONSEMI-NGTB10N60R2DT4G Datasheet
531Kb / 7P
IGBT 600V, 10A, N-Channel
January 2015 - Rev. 2
NGTB15N120FL2WG ONSEMI-NGTB15N120FL2WG Datasheet
204Kb / 10P
IGBT - Field Stop II
September, 2015 ??Rev. 1
More results

Similar Description - NGTA

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
2054-23 BOURNS-2054-23 Datasheet
253Kb / 2P
Surface Mount Gas Discharge Tube Surge Protector
logo
NIC-Components Corp.
NGTC NIC-NGTC Datasheet
303Kb / 3P
Surface Mount Gas Discharge Tube
NGTF NIC-NGTF Datasheet
322Kb / 3P
Surface Mount Gas Discharge Tube
NGTM NIC-NGTM Datasheet
341Kb / 3P
Surface Mount Gas Discharge Tube
NGTD NIC-NGTD Datasheet
191Kb / 3P
Surface Mount Gas Discharge Tube
logo
SUNMATE electronic Co.,...
3R1100A-5S SUNMATE-3R1100A-5S Datasheet
539Kb / 2P
SURFACE MOUNT GAS DISCHARGE TUBE
logo
Shanghai Leiditech Elec...
2R090-5S LEIDITECH-2R090-5S Datasheet
3Mb / 4P
Surface Mount 2-Electrode gas Discharge Tube
SMD5050-090 LEIDITECH-SMD5050-090 Datasheet
3Mb / 4P
Surface Mount 2-Electrode gas Discharge Tube
logo
UN Semiconducctor INC
UN2E5-SMD UNSEMI-UN2E5-SMD Datasheet
2Mb / 5P
Surface Single Gas Discharge Tube
Revision March 1,2022
UN1812 UNSEMI-UN1812 Datasheet
2Mb / 5P
Surface Single Gas Discharge Tube
Revision March 1,2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com