Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM3824 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3824
Description  Precision Current Gauge IC with Internal Zero Ohm Sense Element and PWM Output
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3824 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3824 Datasheet HTML 1Page - National Semiconductor (TI) LM3824 Datasheet HTML 2Page - National Semiconductor (TI) LM3824 Datasheet HTML 3Page - National Semiconductor (TI) LM3824 Datasheet HTML 4Page - National Semiconductor (TI) LM3824 Datasheet HTML 5Page - National Semiconductor (TI) LM3824 Datasheet HTML 6Page - National Semiconductor (TI) LM3824 Datasheet HTML 7Page - National Semiconductor (TI) LM3824 Datasheet HTML 8Page - National Semiconductor (TI) LM3824 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Ordering Information
Order No.
*
Sense
Range
Sampling
Interval*
Sensing
Method
NS
Package
Number
Package
Type
Supplied As:
LM3824MM-1.0
±1.0A
6 ms
High-side
MUA08A
MSOP-8
Tape and Reel
(1000 units/reel)
LM3824MMX-1.0
±1.0A
6 ms
High-side
MUA08A
MSOP-8
Tape and Reel
(3500 units/reel)
LM3824MM-2.0
±2.0A
6 ms
High-side
MUA08A
MSOP-8
Tape and Reel
(1000 units/reel)
LM3824MMX-2.0
±2.0A
6 ms
High-side
MUA08A
MSOP-8
Tape and Reel
(3500 units/reel)
* Current is sampled over a fixed interval. The average current during this interval is indicated by the duty cycle of the PWM output
during next interval.
Pin Description (High-Side, LM3824)
Pin
Name
Function
1
SENSE+, V
DD
High side of internal current sense, also supply voltage.
2
GND
Supply Ground.
3
FLTR+
Filter input — provides anti-aliasing for delta sigma modulator.
4
FLTR−
Filter input.
5SD
Shutdown input. Connected to V
DD through a pull-up resistor for normal operation.
When low, the LM3824 is put into a low current mode.
6
TEST
Connect to GND for normal operation.
7
PWM
Digital output indicates the current magnitude and direction.
8
SENSE−
Low side of internal current sense.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com