Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD29150P18 Datasheet(PDF) 10 Page - STMicroelectronics

Part # LD29150P18
Description  1.5A, VERY LOW DROP VOLTAGE REGULATORS
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LD29150P18 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button LD29150P18 Datasheet HTML 6Page - STMicroelectronics LD29150P18 Datasheet HTML 7Page - STMicroelectronics LD29150P18 Datasheet HTML 8Page - STMicroelectronics LD29150P18 Datasheet HTML 9Page - STMicroelectronics LD29150P18 Datasheet HTML 10Page - STMicroelectronics LD29150P18 Datasheet HTML 11Page - STMicroelectronics LD29150P18 Datasheet HTML 12Page - STMicroelectronics LD29150P18 Datasheet HTML 13Page - STMicroelectronics LD29150P18 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
LD29150 SERIES
10/17
Figure 19: Line Transient
Figure 20: Load Transient
Figure 21: Start-Up Time 10mA
Figure 22: Start-Up Time 1.5A
VI=3.5 to 5.5V, IO=10mA, VO=2.5V, CO=10µF
VI=5V, IO=10mA to 1.5A, VO=2.5V, CO=10µF
CO=10µF, IO=10mA, VINH=2V, VO=5V, VI=7V
CO=10µF, IO=1.5A, VINH=2V, VO=5V, VI=7V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com