Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NPIM101B Datasheet(PDF) 13 Page - NIC-Components Corp.

Part # NPIM101B
Description  NPIM Shielded Power Inductors
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NPIM101B Datasheet(HTML) 13 Page - NIC-Components Corp.

Back Button NPIM101B Datasheet HTML 6Page - NIC-Components Corp. NPIM101B Datasheet HTML 7Page - NIC-Components Corp. NPIM101B Datasheet HTML 8Page - NIC-Components Corp. NPIM101B Datasheet HTML 9Page - NIC-Components Corp. NPIM101B Datasheet HTML 10Page - NIC-Components Corp. NPIM101B Datasheet HTML 11Page - NIC-Components Corp. NPIM101B Datasheet HTML 12Page - NIC-Components Corp. NPIM101B Datasheet HTML 13Page - NIC-Components Corp. NPIM101B Datasheet HTML 14Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
13
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
®
SPECIFICATIONS SUBJECT TO CHANGE
NPIM__B Series
NPIM Shielded Power Inductors
Series
Part
Thickness
Ao
Bo
Co
Po
Ko
t
W
NPIM41B
All
4.5 ± 0.10
4.8 ± 0.10
5.5 ± 0.10
8.0 ± 0.10
1.4 ± 0.15
0.35 ± 0.05
12.0 ± 0.30
NPIM42B
All
4.4 ± 0.10
4.7 ± 0.10
5.5 ± 0.10
8.0 ± 0.10
2.5 ± 0.15
0.30 ± 0.05
12.0 ± 0.30
NPIM51B
All
5.6 ± 0.10
5.9 ± 0.10
5.5 ± 0.10
8.0 ± 0.10
1.5 ± 0.15
0.35 ± 0.05
12.0 ± 0.30
NPIM52B
All
5.6 ± 0.10
5.9 ± 0.10
5.5 ± 0.10
8.0 ± 0.10
2.3 ± 0.15
0.35 ± 0.05
12.0 ± 0.30
NPIM53B
All
5.2 ± 0.10
5.4 ± 0.10
7.5 ± 0.10
12.0 ± 0.10
3.6 ± 0.15
0.35 ± 0.05
16.0 ± 0.30
NPIM72B
All
7.2 ± 0.10
7.5 ± 0.10
7.5 ± 0.10
12.0 ± 0.10
2.3 ± 0.10
0.30 ± 0.10
16.0 ± 0.30
NPIM73B
All
7.2 ± 0.10
7.5 ± 0.10
7.5 ± 0.10
12.0 ± 0.10
3.6 ± 0.15
0.30 ± 0.10
16.0 ± 0.30
NPIM74B
All
7.2 ± 0.10
7.5 ± 0.10
7.5 ± 0.10
12.0 ± 0.10
3.6 ± 0.15
0.30 ± 0.10
16.0 ± 0.30
NPIM75B
All
7.2 ± 0.10
7.8 ± 0.10
7.5 ± 0.10
12.0 ± 0.10
5.5 ± 0.10
0.35 ± 0.10
16.0 ± 0.30
NPIM101B
All
10.7 ± 0.10
12.0 ± 0.10
11.5 ± 0.10
16.0 ± 0.10
2.0 ± 0.10
0.35 ± 0.10
24.0 ± 0.30
NPIM103B
All
10.7 ± 0.10
12.0 ± 0.10
11.5 ± 0.10
16.0 ± 0.10
4.0 ± 0.10
0.30 ± 0.05
24.0 ± 0.30
NPIM104B
All
10.7 ± 0.10
12.0 ± 0.10
11.5 ± 0.10
16.0 ± 0.10
4.5 ± 0.10
0.35 ± 0.05
24.0 ± 0.30
NPIM105B
All
10.7 ± 0.10
12.0 ± 0.10
11.5 ± 0.10
16.0 ± 0.10
5.0 ± 0.15
0.35 ± 0.05
24.0 ± 0.30
NPIM133B
All
13.4 ± 0.10
14.1 ± 0.10
11.5 ± 0.10
16.0 ± 0.10
3.7 ± 0.15
0.35 ± 0.05
24.0 ± 0.30
NPIM135B
All
13.4 ± 0.10
14.1 ± 0.10
11.5 ± 0.10
16.0 ± 0.10
5.1 ± 0.15
0.35 ± 0.05
24.0 ± 0.30
NPIM136B
All
13.4 ± 0.10
14.1 ± 0.10
11.5 ± 0.10
16.0 ± 0.10
6.1 ± 0.15
0.50 ± 0.05
24.0 ± 0.30
NPIM187B
All
17.45 ± 0.10
17.8 ± 0.10
11.5 ± 0.10
24.0 ± 0.10
7.3 ± 0.15
0.50 ± 0.05
24.0 ± 0.30
W
Co
Ao
Po
Ko
Bo
1.55mm ± 0.05
4.0mm
±0.1
1.75mm ±0.1
t
CARRIER TAPE DIMENSIONS (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com