Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB05M Datasheet(PDF) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # MB05M
Description  Plastic-Encapsulate Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

MB05M Datasheet(HTML) 2 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  MB05M Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. MB05M Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page:P2-P2
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
MB05M --- MB10M
CHARACTERISTIC CURVES
PERCENT OF RATED PEAK REVERSE VOLTAGE,(%)
FIG.3-TYPICAL REVERSE CHARACTERISTICS
140
0.01
0.1
0
20
40
60
80
100
120
1.0
10
100
TJ=125°C
TJ=25°C
1
4
10
100
100
10
1.0
REVERSE VOLTAGE, VOLTS
FIG.5-TYPICAL JUNCTION CAPACITANCE
TJ=25°C,f=1MHZ
FIG.1-FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE, ℃
1.0
0.8
0.6
0.4
0.2
0.1
20
40
60
100
120
140
160
80
MOUNTED ON BOARD
SINGLE PHASE HALF WAVE 60Hz
RESISTIVE OR INDUCTIVE LOAD
NUMBER OF CYCLES AT 60HZ
FIG.2-MAXIMUM NON-REPETITVE
SURGE CURRENT
40
30
20
10
0
1
2
5
10
20
50
100
PULSE WIDTH 8.3ms
SINGLE HALF-SINE-WAVE
(JEDEC METHOD)
0.01
0.1
1.0
10
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
FIG.4-TYPICAL FORWARD CHARACTERISTICS
TJ=25°C
PULSE WIDTH:300us
2% DUTY CYCLE
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Plastic-Encapsulate Bridge Rectifier



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com