Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MB1M Datasheet(PDF) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

Part # MB1M
Description  Plastic-Encapsulate Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOTTECH [GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.]
Direct Link  http://www.hottech.net.cn/
Logo HOTTECH - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

MB1M Datasheet(HTML) 1 Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.

  MB1M Datasheet HTML 1Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD. MB1M Datasheet HTML 2Page - GUANGDONG HOTTECH INDUSTRIAL CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page:P2-P1
Plastic-Encapsulate Bridge Rectifier
GUANGDONG
HOTTECH
INDUSTRIAL
CO,. LTD.
FEATURES
•Rating to 1000V PRV
•Ideal for printed circuit board
•Reliable low cost construction utilizing
molded plastic technique results in inexpensive product
•Lead tin plated copper
Mechanical Data
• Polarity:Symbol molded on body
• Mounting position :Any
Maximum Ratings and
Electrical Characteristics
(Ta=25
unless otherwise noted)
NOTES: 1.Mounted on P.C. board.
2.Measured at1.0MHz and applied reverse voltage of 4.0V DC.
3.Thermal resistance junction to case.
Characteristic
Symbo
MB05M
MB1M
MB2M
MB4M
MB6M
MB8M
MB10M
Unit
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average Forward
Rectified Current (Note 1)
@TA=40
I(AV)
0.8
A
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
IFSM
30
A
Peak Forward Voltage at 0.8A DC
VF
1.1
V
Maximum DC Reverse Current
@TJ=25
at Rated DC Bolcking Voltage
@TJ=125
IR
5.0
500
μA
Typical Junction Capacitance Per Element (Note2)
CJ
15
pF
Typical Thermal Resistance (Note3)
RθJC
75
/W
Operating Temperature Range
TJ
-55 to +150
Storage Temperature Range
TSTG
-55 to +150
MB05M --- MB10M
.019(0.5)
.031(0.8)
.006(.15)
.014(.35)
.177(4.5)
.217(5.5)
.217(5.5)
.256(6.5)
.035(0.9)
.051(1.3)
.146(3.7)
.165(4.2)
090(2 3)
.106(2.7)
.090(2.3)
.106(2.7)
.177(4.5)
.193(4.9)
.019(0.5)
.031(0.8)
.106(2.7)
.090(2.3)
+ -
~ ~
C0.5
MBM
Dimensions in inches and (millimeters)
.
.


Similar Part No. - MB1M

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MB1M MCC-MB1M Datasheet
101Kb / 2P
0.5Amp Single Phase Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
TAITRON Components Inco...
MB1M TAITRON-MB1M Datasheet
144Kb / 4P
0.5A Glass Passivated Bridge Rectifier
logo
Shanghai Lunsure Electr...
MB1M CHENYI-MB1M Datasheet
70Kb / 2P
0.5Amp single phase glass passivated bridge retifier 50to1000 volts
logo
GREATECS
MB1M GREATECS-MB1M Datasheet
298Kb / 1P
SMT Multi-Direction Switches
logo
Microdiode Semiconducto...
MB1M CHENDA-MB1M Datasheet
564Kb / 3P
0.5A Glass Passivated Bridge Rectifier
More results

Similar Description - MB1M

ManufacturerPart #DatasheetDescription
logo
Jiangsu High diode Semi...
4GBJ4005 HDSEMI-4GBJ4005 Datasheet
1Mb / 3P
4GBJ Plastic-Encapsulate Bridge Rectifier
DB101S HDSEMI-DB101S Datasheet
1Mb / 3P
DBS Plastic-Encapsulate Bridge Rectifier
DB151 HDSEMI-DB151 Datasheet
1Mb / 3P
DB Plastic-Encapsulate Bridge Rectifier
DB201 HDSEMI-DB201 Datasheet
1Mb / 3P
DB Plastic-Encapsulate Bridge Rectifier
DBF2005 HDSEMI-DBF2005 Datasheet
1Mb / 3P
DBF Plastic-Encapsulate Bridge Rectifier
DBF3005 HDSEMI-DBF3005 Datasheet
1Mb / 3P
DBF Plastic-Encapsulate Bridge Rectifier
KBU6005 HDSEMI-KBU6005 Datasheet
1Mb / 3P
KBU Plastic-Encapsulate Bridge Rectifier
KBU8005 HDSEMI-KBU8005 Datasheet
1Mb / 3P
KBU Plastic-Encapsulate Bridge Rectifier
KBU10005 HDSEMI-KBU10005 Datasheet
1Mb / 3P
KBU Plastic-Encapsulate Bridge Rectifier
MSB30B HDSEMI-MSB30B Datasheet
1Mb / 3P
UMSB Plastic-Encapsulate Bridge Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com