Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0806 Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # 0806
Description  Surface Mount Multilayer Power Inductor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

0806 Datasheet(HTML) 1 Page - NIC-Components Corp.

  0806 Datasheet HTML 1Page - NIC-Components Corp. 0806 Datasheet HTML 2Page - NIC-Components Corp. 0806 Datasheet HTML 3Page - NIC-Components Corp. 0806 Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
NIC COMPONENTS CORP. www.niccomp.com www.lowESR.com www.RFpassives.com www.SMTmagnetics.com
®
Specifications are subject to change
ENVIRONMENTAL CHARACTERISTICS
Test
Specification
Test Method & Condition
Resistance to Soldering Heat
No Mechanical Damage
Inductance: ±20% of initial value
(parts should be stablized at
room temperature for 2 hours
prior to testing)
+260°C for 5 seconds
Low Frequency Vibration
Cycle 10Hz ~ 55Hz ~ 10Hz (1 minute), 2 hours each axis (X, Y, Z)
Thermal Shock
Cycle -40°C for 30 min. > +125°C 30 min., 100 cycles
Humidity
+60°C, 90% ~ 95%RH, 1,000 hours
Low Temperature Storage
-40°C for 1,000 hours
High Temperature Load Life
+125°C for 1,000 hours
Note: Extended values, tolerances, and enhanced versions are available please contact NIC for more details.
DIMENSIONS (mm)
Case Size
L
W
H
P
NFM0805* 2.00 +0.3/-0.1
1.25 ± 0.20
0.5 ± 0.1
0.9 ± 0.1
0.5 ± 0.3
NFM0806* 2.00 +0.3/-0.1
1.60 ± 0.20
0.5 ± 0.1
0.7 ± 0.1
0.9 ± 0.1
0.5 ± 0.3
Surface Mount Multilayer Power Inductor
NFM Series
L
W
H
P
• 0805 AND 0806 CASE SIZES
• HIGH DC CURRENT AND LOW DC RESISTANCE
• REFLOW SOLDERING APPLICABLE
• PACKAGE FOR AUTOMATIC PICK-PLACE
SPECIFICATIONS
FEATURES
Specifications
Case Size
0805
0806
Inductance Range
0.33mH ~ 0.68mH
0.24mH ~ 1.5mH
Inductance Tolerance
±20% (M), ±30% (N)
Operating Temperature Range
-40°C ~ +125°C
Self Resonant Frequency,
DC Resistance, Rated DC Current
and Inductance Tolerance
See Standard Values and Specifications Table
*See specifications tables for individual part thickness
Inductance Tolerance Code:
M = ±20%, N = ±30%
Packaging: TR = Tape & Reel
PART NUMbER SySTEM
Rated inductance in μH (R denotes decimal point)
NFM
Series
RoHS compliant
R47
T
TR
F
0806
Case Size = 0805 or 0806
Current rating code (400=4000mA)
400
Thickness Code: P=0.5±0.1, R=0.7±0.1, T=0.9±0.1
M


Similar Part No. - 0806

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
0806-5400-01 BEL-0806-5400-01 Datasheet
78Kb / 2P
DIPLEXER FILTER MODULES
0806-5400-02 BEL-0806-5400-02 Datasheet
79Kb / 2P
DIPLEXER FILTER MODULES
0806-5400-03 BEL-0806-5400-03 Datasheet
78Kb / 2P
DIPLEXER FILTER MODULES
0806-5400-04 BEL-0806-5400-04 Datasheet
79Kb / 2P
DIPLEXER FILTER MODULES
logo
PHOENIX CONTACT
0806068 PHOENIX-0806068 Datasheet
130Kb / 11P
Computer Marking System Engraving System CMS-GRAV
More results

Similar Description - 0806

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LSML-322513 ETC2-LSML-322513 Datasheet
22Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-321611 ETC2-LSML-321611 Datasheet
26Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-201212 ETC2-LSML-201212 Datasheet
24Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-201209 ETC2-LSML-201209 Datasheet
24Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-160808 ETC2-LSML-160808 Datasheet
26Kb / 1P
Surface Mount Multilayer Chip Inductor
logo
Caliber Electronics Inc...
LSML-160808 CALIBER-LSML-160808 Datasheet
27Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-201209 CALIBER-LSML-201209 Datasheet
25Kb / 1P
Surface Mount Multilayer Chip Inductor
LSML-201212 CALIBER-LSML-201212 Datasheet
25Kb / 1P
Surface Mount Multilayer Chip Inductor
logo
NIC-Components Corp.
NFH NIC-NFH Datasheet
141Kb / 4P
Surface Mount Multilayer Inductor
NFP NIC-NFP Datasheet
771Kb / 5P
Surface Mount Multilayer Inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com