Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS96176 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS96176
Description  RS-485/RS-422 Differential Bus Transceiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS96176 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS96176 Datasheet HTML 1Page - National Semiconductor (TI) DS96176 Datasheet HTML 2Page - National Semiconductor (TI) DS96176 Datasheet HTML 3Page - National Semiconductor (TI) DS96176 Datasheet HTML 4Page - National Semiconductor (TI) DS96176 Datasheet HTML 5Page - National Semiconductor (TI) DS96176 Datasheet HTML 6Page - National Semiconductor (TI) DS96176 Datasheet HTML 7Page - National Semiconductor (TI) DS96176 Datasheet HTML 8Page - National Semiconductor (TI) DS96176 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
Molded DIP
−65˚C to +150˚C
Lead Temperature
Molded DIP (soldering, 10
sec.)
265˚C
Maximum Power Dissipation (Note 1) at 25˚C
Molded Package
930 mW
Supply Voltage
7.0V
Differential Input Voltage
+15V/−10V
Enable Input Voltage
5.5V
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
4.75
5.0
5.25
V
Voltage at Any Bus Terminal
(Separately or Common Mode)
−7.0
12
V
Differential Input Voltage (V
ID)
±12
V
Output Current HIGH (I
OH)
Driver
−60
mA
Receiver
−400
µA
Output Current LOW (I
OL)
Driver
60
mA
Receiver
16
mA
Operating Temperature (T
A)
0
25
70
˚C
Note 1: Derate molded DIP package 7.5 mW/˚C above 25˚C.
Electrical Characteristics (Notes 3, 4)
Over recommended temperature, common mode input voltage, and supply voltage ranges, unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DRIVER SECTION
V
IH
Input Voltage HIGH
2.0
V
V
IL
Input Voltage LOW
0.8
V
V
OH
Output Voltage HIGH
I
OH = −20 mA
3.1
V
V
OL
Output Voltage LOW
I
OL = 20 mA
0.85
V
V
IC
Input Clamp Voltage
I
I = −18 mA
−1.5
V
|V
OD1|
Differential Output Voltage
I
O = 0 mA
6.0
V
|V
OD2|
Differential Output Voltage
R
L = 100Ω, Figure 1
2.0
2.25
V
R
L = 54Ω, Figure 1 and Figure 2
1.5
2.0
∆|V
OD2|
Change in Magnitude of
R
L = 54Ω
Differential Output Voltage (Note 5)
V
CM = 0V Figure 1 and Figure 2
±0.2
V
R
L = 100Ω Figure 1
V
OC
Common Mode Output Voltage (Note 6)
R
L = 54Ω or 100Ω, Figure 1
3.0
V
∆|V
OC|
Change in Magnitude of
±0.2
V
Common Mode Output Voltage (Note 5)
I
O
Output Current (Note 5)
Output Disabled
V
O = 12V
1.0
mA
(Includes Receiver I
I)VO = −7.0V
−0.8
I
IH
Input Current HIGH
V
I = 2.4V
20
µA
I
IL
Input Current LOW
V
I = 0.4V
−100
µA
I
OS
Short Circuit Output Current
V
O = −7.0V
−250
(Note 10)
V
O = 0V
−150
mA
V
O = VCC
150
V
O = 12V
250
I
CC
Supply Current
No Load
Outputs Enabled
35
mA
Outputs Disabled
40
RECEIVER SECTION
V
TH
Differential Input High
V
O = 2.7V, IO = −0.4 mA
0.2
V
Threshold Voltage
V
TL
Differential Input Low
V
O = 0.5V, IO = 8.0 mA
−0.2
V
Threshold Voltage (Note 7)
V
T+ −VT−
Hysteresis (Note 8)
V
CM = 0V
50
mV
V
IH
Enable Input Voltage HIGH
2.0
V
V
IL
Enable Input Voltage LOW
0.8
V
V
IC
Enable Input Clamp Voltage
I
I = −18 mA
−1.5
V
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com