Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4853MM Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4853MM
Description  Mono 1.5 W / Stereo 300mW Power Amplifier
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4853MM Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4853MM Datasheet HTML 9Page - National Semiconductor (TI) LM4853MM Datasheet HTML 10Page - National Semiconductor (TI) LM4853MM Datasheet HTML 11Page - National Semiconductor (TI) LM4853MM Datasheet HTML 12Page - National Semiconductor (TI) LM4853MM Datasheet HTML 13Page - National Semiconductor (TI) LM4853MM Datasheet HTML 14Page - National Semiconductor (TI) LM4853MM Datasheet HTML 15Page - National Semiconductor (TI) LM4853MM Datasheet HTML 16Page - National Semiconductor (TI) LM4853MM Datasheet HTML 17Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
Application Information (Continued)
the upper bandwidth limit. The variation for both response
limits is 0.17dB, well within the ± 0.25dB desired limit. This
results in:
f
L = 100Hz/5= 20Hz
f
H = 20kHzx5= 100kHz
As stated in the External Components section, R
I in con-
junction with C
I create a highpass filter. Find the coupling
capacitor’s value using Equation 9.
C
I
≥ 1/(2πR
IfL)
(9)
C
I
≥ 1/(2π x 20kΩ x 20Hz) = 0.397µF
Use a 0.39µF capacitor, the closest standard value.
The high frequency pole is determined by the product of the
desired high frequency pole, f
H, and the differential gain,
A
VD. With AVD = 3 and fH = 100kHz, the resulting GBWP =
150kHz which is much smaller than the LM4853 GBWP of
10MHz. This difference indicates that a designer can still use
the LM4853 at higher differential gains without bandwidth
limitations.
PCB LAYOUT AND SUPPLY REGULATION
CONSIDERATIONS FOR DRIVING 3
Ω AND 4Ω LOADS
Power dissipated by a load is a function of the voltage swing
across the load and the load’s impedance. As load imped-
ance decreases, load dissipation becomes increasingly de-
pendant on the interconnect (PCB trace and wire) resistance
between the amplifier output pins and the load’s connec-
tions. Residual trace resistance causes a voltage drop,
which results in power dissipated in the trace and not in the
load as desired. For example, 0.1
Ω trace resistance reduces
the output power dissipated by a 4
Ω load from 2.0W to
1.95W. This problem of decreased load dissipation is exac-
erbated as load impedance decreases. Therefore, to main-
tain the highest load dissipation and widest output voltage
swing, PCB traces that connect the output pins to a load
must be as wide as possible.
Poor power supply regulation adversely affects maximum
output power. A poorly regulated supply’s output voltage
decreases with increasing load current. Reduced supply
voltage causes decreased headroom, output signal clipping,
and reduced output power. Even with tightly regulated sup-
plies, trace resistance creates the same effects as poor
supply regulation. Therefore, making the power supply
traces as wide as possible helps maintain full output voltage
swing.
Demonstration Board Layout
200334A1
FIGURE 3. Recommended MM PC Board Layout:
Component-Side SilkScreen
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com