Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM4899MM Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4899MM
Description  1 Watt Fully Differential Audio Power Amplifier With Shutdown Select and Fixed 6dB Gain
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4899MM Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4899MM Datasheet HTML 1Page - National Semiconductor (TI) LM4899MM Datasheet HTML 2Page - National Semiconductor (TI) LM4899MM Datasheet HTML 3Page - National Semiconductor (TI) LM4899MM Datasheet HTML 4Page - National Semiconductor (TI) LM4899MM Datasheet HTML 5Page - National Semiconductor (TI) LM4899MM Datasheet HTML 6Page - National Semiconductor (TI) LM4899MM Datasheet HTML 7Page - National Semiconductor (TI) LM4899MM Datasheet HTML 8Page - National Semiconductor (TI) LM4899MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Absolute Maximum Ratings (Note 2)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
6.0V
Storage Temperature
−65˚C to +150˚C
Input Voltage
−0.3V to V
DD +0.3V
Power Dissipation (Note 3)
Internally Limited
ESD Susceptibility (Note 4)
2000V
ESD Susceptibility (Note 5)
200V
Junction Temperature
150˚C
Thermal Resistance
θ
JC (LD)
12˚C/W
θ
JA (LD)
63˚C/W
θ
JA (micro SMD)
220˚C/W
θ
JC (MSOP)
56˚C/W
θ
JA (MSOP)
190˚C/W
Soldering Information
See AN-1112 "microSMD Wafers Level Chip Scale
Package".
Operating Ratings
Temperature Range
T
MIN
≤ T
A
≤ T
MAX
−40˚C
≤ T
A
≤ +85˚C
Supply Voltage
2.4V
≤ V
DD
≤ 5.5V
Electrical Characteristics V
DD =5V
(Notes 1, 2, 8)
The following specifications apply for V
DD = 5V and 8
Ω load unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4899
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
I
DD
Quiescent Power Supply Current
V
IN = 0V, no Load
V
IN = 0V, RL =8
Ω
3
5
6
10
mA (max)
I
SD
Standby Current
V
SDMODE =VSHUTDOWN = GND
0.1
1
µA (max)
P
o
Output Power
THD = 1% (max);f=1kHz
LM4899LD, R
L =4
Ω (Note 11)
1.4
W (min)
LM4899, R
L =8
Ω
1
0.9
THD+N
Total Harmonic Distortion+Noise
P
o = 0.4 Wrms; f = 1kHz
0.05
%
PSRR
Power Supply Rejection Ratio
V
ripple = 200mV sine p-p
f = 217Hz (Note 9)
83
dB (min)
f = 1kHz (Note 9)
90
f = 217Hz (Note 10)
83
71
f = 1kHz (Note 10)
83
71
CMRR
Common-Mode Rejection Ratio
f = 217Hz, V
CM = 200mVpp
50
dB
V
OS
Output Offset
V
IN =0V
2
mV
V
SDIH
Shutdown Voltage Input High
SD Mode = GND
0.9
V
V
SDIL
Shutdown Voltage Input Low
SD Mode = GND
0.7
V
V
SDIH
Shutdown Voltage Input High
SD Mode = V
DD
0.9
V
V
SDIL
Shutdown Voltage Input Low
SD Mode = V
DD
0.7
V
Electrical Characteristics V
DD =3V
(Notes 1, 2, 8)
The following specifications apply for V
DD = 3V and 8
Ω load unless otherwise specified. Limits apply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4899
Units
(Limits)
Typical
Limit
(Note 6)
(Note 7)
I
DD
Quiescent Power Supply Current
V
IN = 0V, no Load
V
IN = 0V, RL =8
Ω
2.5
4
5.5
9
mA (max)
I
SD
Standby Current
V
SDMODE =VSHUTDOWN = GND
0.1
1
µA (max)
P
o
Output Power
THD = 1% (max); f = 1kHz
LM4899, R
L =8
Ω
0.35
W
THD+N
Total Harmonic Distortion+Noise
P
o = 0.25Wrms; f = 1kHz
0.3
%
www.national.com
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com