Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMH6533 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMH6533
Description  Four - Channel Laser Diode Driver with Dual Output, LVDS Interface and HFM Oscillator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMH6533 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMH6533 Datasheet HTML 1Page - National Semiconductor (TI) LMH6533 Datasheet HTML 2Page - National Semiconductor (TI) LMH6533 Datasheet HTML 3Page - National Semiconductor (TI) LMH6533 Datasheet HTML 4Page - National Semiconductor (TI) LMH6533 Datasheet HTML 5Page - National Semiconductor (TI) LMH6533 Datasheet HTML 6Page - National Semiconductor (TI) LMH6533 Datasheet HTML 7Page - National Semiconductor (TI) LMH6533 Datasheet HTML 8Page - National Semiconductor (TI) LMH6533 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance
Human Body Model
2KV (Note 2)
Machine Model
200V (Note 3)
Supply Voltage (V
+ –V−)
5.5V
Differential Input Voltage
±5.5V
Output Short Circuit to Ground
(Note 4)
Continuous
Input Common Mode Voltage
V
– to V+
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 5)
+150˚C
Operating Ratings (Note 1)
Supply Voltage (V
+ -V−)
4.5V
≤ V
S
≥ 5.5V
Operating Temp. Range (T
A)
(Note 8)
−40˚C
≤ T
A
≤ 85˚C
Thermal Resistance
(Note 5), (Note 8)
LLP Package
θ
JC
3˚C/W
θ
JA (no heatsink)
42˚C/W
θ
JA (with heatsink) see (Note 9)
30.8˚C/W
I
INR/3/4
1.5 mA (max)
I
IN2
1.0 mA (max)
R
FREQ
1000
Ω (min)
R
AMP
300
Ω
F
OSC
100-600 MHz
A
OSC
10-100 mA
PP
+5V DC Electrical Characteristics
Unless otherwise specified, all limits guaranteed for T
J = 25˚C, RL =10
Ω. Boldface limits apply at the temperature extremes.
(Note 8)
Symbol
Parameter
Conditions
Min
(Note 7)
Typ
(Note 6)
Max
(Note 7)
Units
LVDS
V
I
Input Voltage Range
|V
GPD| < 50 mV
(Note 7), (Note 9), (Note 11)
825
1550
1575
mV
V
IDTH
Input Diff. Threshold
V
GPD < 50 mV
(Note 7), (Note 9), (Note 11)
–100
0
100
mV
V
HYST
Input Diff. Hysteresis
V
IDTHH –VIDTH1
(Note 7), (Note 9), (Note 11)
25
0
mV
R
IN
Input Diff. Impedance
(Note 7), (Note 9),(Note 11)
80
104
120
Ω
I
IN
Input Current
Excluding R
IN Current VCM = 1.25V
5
50
µA
Current Channels
R
IN
Input Resistance all Channels
R
IN to Ground
425
556
675
Ω
I
OS
Current Offset
All Channels Off (Note 12)
–7.5
4.75
7.5
mA
A
IW
Current Gain
Channel 2 (Note 13)
270
303
330
A/A
A
IR
Current Gain
Channels 3,4 and Read (Note 13)
135
152
165
A/A
I
LIN-R,3,4
Output Current Linearity
500 µA < L
IN < 1000 µA; RLOAD =
10
Ω Channels Read, 3 and 4
–3.5
2.5
+3.5
%
I
LIN-2
Output Current Linearity
500 µA < L
IN < 1000 µA; RLOAD =
10
Ω Channels 2
–8
5
+8
%
IOUT
W
Output Current
Channel 2 (Note 12) @ 1mA Input
Current
250
263
mA
IOUT
R,3,4
Output Current
Channel 3, 4 and Read (Note 12) @
1 mA Input Current
135
150
mA
IOUT
TOTAL Total Output Current
All Channels (Note 14); R
LOAD =5
Ω
500
mA
V
TLO
TTL Low Voltage
ENR, ENOSC Input (H to L)
1.51
0.8
V
V
ELO
Enable Low Voltage
Enable Input (H to L)
2.41
0.8
V
V
THI
TTL High Voltage
ENR, ENOSC Inputs (L to H )
2.0
1.54
V
V
EHI
Enable High Voltage
Enable Input (L to H)
2.8
2.4
V
I
SPD
Supply Current, Power Down
Enable = Low (Note 12)
0.003
0.5
mA
I
Sr1
Supply Current, Read Mode,
Oscillator Disabled
ENOSC = Low; (Note 12)
I2=I3=I4=I
R = 125 µA
98.5
120
mA
I
Sr2
Supply Current, Read Mode,
Oscillator Enabled
ENOSC = High; (Note 12)
I2=I3=I4=I
R = 125 µA
98.5
120
mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com