Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMP2012MM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMP2012MM
Description  High Precision, Rail-to-Rail Output Operational Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMP2012MM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMP2012MM Datasheet HTML 1Page - National Semiconductor (TI) LMP2012MM Datasheet HTML 2Page - National Semiconductor (TI) LMP2012MM Datasheet HTML 3Page - National Semiconductor (TI) LMP2012MM Datasheet HTML 4Page - National Semiconductor (TI) LMP2012MM Datasheet HTML 5Page - National Semiconductor (TI) LMP2012MM Datasheet HTML 6Page - National Semiconductor (TI) LMP2012MM Datasheet HTML 7Page - National Semiconductor (TI) LMP2012MM Datasheet HTML 8Page - National Semiconductor (TI) LMP2012MM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
Typical Performance Characteristics
T
A=25C, VS= 5V unless otherwise specified.
Supply Current vs. Supply Voltage
Offset Voltage vs. Supply Voltage
20071524
20071525
Offset Voltage vs. Common Mode
Offset Voltage vs. Common Mode
20071535
20071534
Voltage Noise vs. Frequency
Input Bias Current vs. Common Mode
20071504
20071503
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com