Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV116 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV116
Description  Low Voltage, 45MHz, Rail-to-Rail Output Operational Amplifiers with Shutdown Option
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV116 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LMV116 Datasheet HTML 1Page - National Semiconductor (TI) LMV116 Datasheet HTML 2Page - National Semiconductor (TI) LMV116 Datasheet HTML 3Page - National Semiconductor (TI) LMV116 Datasheet HTML 4Page - National Semiconductor (TI) LMV116 Datasheet HTML 5Page - National Semiconductor (TI) LMV116 Datasheet HTML 6Page - National Semiconductor (TI) LMV116 Datasheet HTML 7Page - National Semiconductor (TI) LMV116 Datasheet HTML 8Page - National Semiconductor (TI) LMV116 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
ESD Tolerance
Human Body
2KV (Note 2)
Machine Model
200V (Note 9)
V
IN Differential
±2.5V
Output Short Circuit Duration
(Note 3), (Note 11)
Supply Voltage (V
+ -V−)
12.6V
Voltage at Input/Output pins
V
+ +0.8V, V− −0.8V
Storage Temperature Range
−65˚C to +150˚C
Junction Temperature (Note 4)
+150˚C
Soldering Information
Infrared or Convection (20 sec)
235˚C
Wave Soldering Lead Temp. (10
sec)
260˚C
Operating Ratings (Note 1)
Supply Voltage (V
+ –V−)
2.5V to 12V
Temperature Range (Note 4)
−40˚C to +85˚C
Package Thermal Resistance (Note 4) (
θ
JA)
SOT23-5
265˚C/W
SOT23-6
265˚C/W
2.7V Electrical Characteristics
Unless otherwise specified, all limits guaranteed for at T
J = 25˚C, V
+ = 2.7V, V− = 0V, V
CM =VO =V
+/2, and R
F =2k
Ω, and
R
L =1k
Ω to V+/2. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
(Note 6)
Typ
(Note 5)
Max
(Note 6)
Units
V
OS
Input Offset Voltage
0V
≤ V
CM
≤ 1.7V
±1
±5
±6
mV
TC V
OS
Input Offset Average Drift
(Note 12)
±5
µV/C
I
B
Input Bias Current
(Note 7)
−2.0
−2.2
−0.40
µA
I
OS
Input Offset Current
1
500
nA
CMRR
Common Mode Rejection
Ratio
V
CM Stepped from 0V to 1.55V
73
88
dB
PSRR
Power Supply Rejection Ratio
V
+ = 2.7V to 3.7V or V− =0V to
−1V
72
85
dB
R
IN
Common Mode Input
Resistance
3M
Ω
C
IN
Common Mode Input
Capacitance
2pF
CMVR
Input Common-Mode Voltage
Range
CMRR
≥ 50dB
−0.3
−0.1
1.7
V
A
VOL
Large Signal Voltage Gain
V
O = 0.35V to 2.35V
73
70
87
dB
V
O
Output Swing High
R
L =1k
Ω to V+/2
2.55
2.66
V
R
L = 10k
Ω to V+/2
2.68
Output Swing Low
R
L =1k
Ω to V+/2
150
40
mV
R
L = 10k
Ω to V+/2
20
I
SC
Output Short Circuit Current
Sourcing to V
−
V
ID = 200mV (Note 10)
25
35
mA
Sinking to V
+
V
ID = −200mV (Note 10)
25
32
I
OUT
Output Current
V
OUT = 0.5V from rails
±20
mA
I
S
Supply Current
Normal Operation
600
900
µA
Shut-down Mode (LMV118)
15
50
SR
Slew Rate (Note 8)
A
V = +1, VO =1VPP
40
V/µs
BW
−3dB BW
A
V = +1, VOUT = 200mVPP
45
MHz
e
n
Input -Referred Voltage Noise
f = 100kHz
40
nV/
f = 1kHz
60
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com