Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2522 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMX2522
Description  PLLatinum Frequency Synthesizer System with Integrated VCOs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2522 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LMX2522 Datasheet HTML 8Page - National Semiconductor (TI) LMX2522 Datasheet HTML 9Page - National Semiconductor (TI) LMX2522 Datasheet HTML 10Page - National Semiconductor (TI) LMX2522 Datasheet HTML 11Page - National Semiconductor (TI) LMX2522 Datasheet HTML 12Page - National Semiconductor (TI) LMX2522 Datasheet HTML 13Page - National Semiconductor (TI) LMX2522 Datasheet HTML 14Page - National Semiconductor (TI) LMX2522 Datasheet HTML 15Page - National Semiconductor (TI) LMX2522 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Programming Description (Continued)
RF N Counter Setting:
Counter Name
Symbol
Function
Modulus Counter
RF_FN
RF N Divider
N = Prescaler x RF_B + RF_A + (RF_FN / f
OSC)10
4
Programmable
Counter
RF_B
Swallow Counter
RF_A
Pulse Swallow Function:
f = {Prescaler x RF_B + RF_A + (RF_FN / f
OSC)x10
4}xf
OSC where (RF_A < RF_B)
where
f
VCO: Output frequency of voltage controlled oscillator (VCO)
Prescaler Values:
Device Type
RF Prescaler
GPS Prescaler
LMX2522
8
6
LMX2532
6
8
RF_B: Preset divide ratio of binary 4-bit programmable counter (2
≤ RF_B ≤ 15)
RF_A: Preset divide ratio of binary 3-bit swallow counter (0
≤ RF_A ≤ 7 for prescaler of 8 or 0 ≤ RF_A ≤ 5 for prescaler of 6)
RF_FN: Preset numerator of binary 11-bit modulus counter (0
≤ RF_FN < 1920 for f
OSC = 19.20 MHz; 0
≤ RF_FN < 1968 for f
OSC
= 19.68 MHz).
f
OSC: Reference oscillator frequency
NOTE: For the use of reference frequencies other than those specified, please contact National Semiconductor.
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com