Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV2011MA Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV2011MA
Description  High Precision, Rail-to-Rail Output Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV2011MA Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LMV2011MA Datasheet HTML 1Page - National Semiconductor (TI) LMV2011MA Datasheet HTML 2Page - National Semiconductor (TI) LMV2011MA Datasheet HTML 3Page - National Semiconductor (TI) LMV2011MA Datasheet HTML 4Page - National Semiconductor (TI) LMV2011MA Datasheet HTML 5Page - National Semiconductor (TI) LMV2011MA Datasheet HTML 6Page - National Semiconductor (TI) LMV2011MA Datasheet HTML 7Page - National Semiconductor (TI) LMV2011MA Datasheet HTML 8Page - National Semiconductor (TI) LMV2011MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
2.7V AC Electrical Characteristics T
J = 25˚C, V
+ = 2.7V, V - = 0V, V
CM = 1.35V, VO = 1.35V, and RL
> 1M
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
GBW
Gain-Bandwidth Product
3
MHz
SR
Slew Rate
4
V/µs
θ
m
Phase Margin
60
Deg
G
m
Gain Margin
−14
dB
e
n
Input-Referred Voltage
Noise
35
nV/
i
n
Input-Referred Current
Noise
150
fA/
e
np-p
Input-Referred Voltage
Noise
R
S = 100
Ω, DC to 10Hz
850
nV
pp
t
rec
Input Overload Recovery
Time
50
ms
t
s
Output Settling Time
A
V = −1, RL =2k
1V Step
1%
0.9
µs
0.1%
49
0.01%
100
5V DC Electrical Characteristics Unless otherwise specified, all limits guaranteed for T
J = 25˚C, V
+ =
5V, V
- = 0V, V
CM = 2.5V, VO = 2.5V and RL > 1M
Ω. Boldface limits apply at the temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
V
OS
Input Offset Voltage
0.12
25
35
µV
Offset Calibration Time
0.5
10
12
ms
TCV
OS
Input Offset Voltage
0.015
µV/˚C
Long-Term Offset Drift
0.006
µV/month
Lifetime V
OS Drift
2.5
5
µV
I
IN
Input Current
-3
pA
I
OS
Input Offset Current
6
pA
R
IND
Input Differential Resistance
9
M
CMRR
Common Mode Rejection
Ratio
−0.3
≤ V
CM
≤ 3.2
0
≤ V
CM
≤ 3.2
130
100
90
dB
PSRR
Power Supply Rejection
Ratio
2.7V
≤ V+ ≤ 5V
120
95
90
dB
A
VOL
Open Loop Voltage Gain
R
L = 10k
130
105
100
dB
R
L =2k
132
95
90
V
O
Output Swing
R
L = 10k
Ω to 2.5V
V
IN(diff) = ±0.5V
4.96
4.95
4.978
V
0.040
0.070
0.085
R
L =2k
Ω to 2.5V
V
IN(diff) = ±0.5V
4.895
4.875
4.919
V
0.091
0.115
0.140
I
O
Output Current
Sourcing, V
O =0V
V
IN(diff) = ±0.5V
15
8
6
mA
Sinking, V
O =5V
V
IN(diff) = ±0.5V
17
8
6
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com