Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF8N80 Datasheet(PDF) 1 Page - GOOD-ARK Electronics

Part # SSF8N80
Description  800V N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SSF8N80 Datasheet(HTML) 1 Page - GOOD-ARK Electronics

  SSF8N80 Datasheet HTML 1Page - GOOD-ARK Electronics SSF8N80 Datasheet HTML 2Page - GOOD-ARK Electronics SSF8N80 Datasheet HTML 3Page - GOOD-ARK Electronics SSF8N80 Datasheet HTML 4Page - GOOD-ARK Electronics SSF8N80 Datasheet HTML 5Page - GOOD-ARK Electronics SSF8N80 Datasheet HTML 6Page - GOOD-ARK Electronics SSF8N80 Datasheet HTML 7Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SSF8N80
800V N-Channel MOSFET
www.goodark.com
Page 1 of 7
Rev.1.1
Main Product Characteristics
Features and Benefits
Description
Absolute Max Rating
Symbol
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V①
8
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V①
5.1
IDM
Pulsed Drain Current
32
A
Power Dissipation
178
W
PD @TC = 25°C
Linear Derating Factor
1.43
W/°C
VDS
Drain-Source Voltage
800
V
VGS
Gate-to-Source Voltage
± 30
V
EAS
Single Pulse Avalanche Energy @ L=25mH
512
mJ
IAS
Avalanche Current @ L=25mH
6.4
A
TJ
TSTG
Operating Junction and Storage Temperature Range
-55 to + 150
°C
VDSS
800V
RDS(on)
1.38Ω(typ.)
ID
8A
TO-220
Marking and Pin
Assignment
Schematic Diagram
Advanced MOSFET process technology
Special designed for PWM, load switching and
general purpose applications
Ultra low on-resistance with low gate charge
Fast switching and reverse body recovery
150℃ operating temperature
Lead free product
It utilizes the latest processing techniques to achieve the high cell density and reduces the on-resistance with
high repetitive avalanche rating. These features combine to make this design an extremely efficient and reliable
device for use in power switching application and a wide variety of other applications.


Similar Part No. - SSF8N80

ManufacturerPart #DatasheetDescription
logo
Silikron Semiconductor ...
SSF8N80 SILIKRON-SSF8N80 Datasheet
537Kb / 8P
Advanced MOSFET process technology
logo
Fairchild Semiconductor
SSF8N80A FAIRCHILD-SSF8N80A Datasheet
258Kb / 7P
Advanced Power MOSFET
logo
Silikron Semiconductor ...
SSF8N80F SILIKRON-SSF8N80F Datasheet
531Kb / 8P
Advanced MOSFET process technology
logo
GOOD-ARK Electronics
SSF8N80F GOOD-ARK-SSF8N80F Datasheet
1Mb / 7P
800V N-Channel MOSFET
SSF8N80F GOOD-ARK-SSF8N80F_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
More results

Similar Description - SSF8N80

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQP8N80C FAIRCHILD-FQP8N80C_09 Datasheet
1Mb / 12P
800V N-Channel MOSFET
logo
Kersemi Electronic Co.,...
KSM3N80 KERSEMI-KSM3N80 Datasheet
1Mb / 6P
800V N-Channel MOSFET
logo
GOOD-ARK Electronics
SSF8N80 GOOD-ARK-SSF8N80_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
SSF6N80F GOOD-ARK-SSF6N80F_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
SSF3N80F GOOD-ARK-SSF3N80F_15 Datasheet
1Mb / 7P
800V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLD80R380SJ MAPLESMI-SLD80R380SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
SLD80R850SJ MAPLESMI-SLD80R850SJ Datasheet
620Kb / 7P
800V N-Channel MOSFET
logo
Shenzhen Foster Semicon...
FIR12N80ANG FOSTER-FIR12N80ANG Datasheet
2Mb / 8P
800V N-Channel MOSFET
logo
Shenzhen Meipusen Semic...
SLH80R500SJ MAPLESMI-SLH80R500SJ Datasheet
1Mb / 8P
800V N-Channel MOSFET
logo
Shenzhen Huazhimei Semi...
HM7N80 HMSEMI-HM7N80 Datasheet
333Kb / 8P
800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com