Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV2011MAX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMV2011MAX
Description  High Precision, Rail-to-Rail Output Operational Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV2011MAX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMV2011MAX Datasheet HTML 7Page - National Semiconductor (TI) LMV2011MAX Datasheet HTML 8Page - National Semiconductor (TI) LMV2011MAX Datasheet HTML 9Page - National Semiconductor (TI) LMV2011MAX Datasheet HTML 10Page - National Semiconductor (TI) LMV2011MAX Datasheet HTML 11Page - National Semiconductor (TI) LMV2011MAX Datasheet HTML 12Page - National Semiconductor (TI) LMV2011MAX Datasheet HTML 13Page - National Semiconductor (TI) LMV2011MAX Datasheet HTML 14Page - National Semiconductor (TI) LMV2011MAX Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Application Information (Continued)
INPUT CURRENTS
The LMV2011’s input currents are different than standard
bipolar or CMOS input currents in that it appears as a current
flowing in one input and out the other. Under most operating
conditions, these currents are in the picoamp level and will
have little or no effect in most circuits. These currents tend to
increase slightly when the common-mode voltage is near the
minus supply. (See the typical curves.) At high temperatures
such as 85˚C, the input currents become larger, 0.5nA typi-
cal, and are both positive except when the V
CM is near V
−.If
operation is expected at low common-mode voltages and
high temperature, do not add resistance in series with the
inputs to balance the impedances. Doing this can cause an
increase in offset voltage. A small resistance such as 1k
Ω
can provide some protection against very large transients or
overloads, and will not increase the offset significantly.
PRECISION STRAIN-GAUGE AMPLIFIER
This Strain-Gauge amplifier (Figure 4) provides high gain
(1006 or ~60 dB) with very low offset and drift. Using the
resistors’ tolerances as shown, the worst case CMRR will be
greater than 108 dB. The CMRR is directly related to the
resistor mismatch. The rejection of common-mode error, at
the output, is independent of the differential gain, which is
set by R3. The CMRR is further improved, if the resistor ratio
matching is improved, by specifying tighter-tolerance resis-
tors, or by trimming.
Extending Supply Voltages and Output Swing by Using
a Composite Amplifier Configuration:
In cases where substantially higher output swing is required
with higher supply voltages, arrangements like the ones
shown in Figure 5 and Figure 6 could be used. These
configurations utilize the excellent DC performance of the
LMV2011 while at the same time allow the superior voltage
and frequency capabilities of the LM6171 to set the dynamic
performance of the overall amplifier. For example, it is pos-
sible to achieve ±12V output swing with 300MHz of overall
GBW (A
V = 100) while keeping the worst case output shift
due to V
OS less than 4mV. The LMV2011 output voltage is
kept at about mid-point of its overall supply voltage, and its
input common mode voltage range allows the V- terminal to
be grounded in one case (Figure 5, inverting operation) and
tied to a small non-critical negative bias in another (Figure 6,
non-inverting operation). Higher closed-loop gains are also
possible with a corresponding reduction in realizable band-
width. Table 1 shows some other closed loop gain possibili-
ties along with the measured performance in each case.
20051517
FIGURE 2.
20051504
FIGURE 3.
20051518
FIGURE 4.
www.national.com
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com