Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV762MA Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LMV762MA
Description  Low Voltage, Precision Comparator with Push-Pull Output
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMV762MA Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LMV762MA Datasheet HTML 1Page - National Semiconductor (TI) LMV762MA Datasheet HTML 2Page - National Semiconductor (TI) LMV762MA Datasheet HTML 3Page - National Semiconductor (TI) LMV762MA Datasheet HTML 4Page - National Semiconductor (TI) LMV762MA Datasheet HTML 5Page - National Semiconductor (TI) LMV762MA Datasheet HTML 6Page - National Semiconductor (TI) LMV762MA Datasheet HTML 7Page - National Semiconductor (TI) LMV762MA Datasheet HTML 8Page - National Semiconductor (TI) LMV762MA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LMV761/LMV762
Low Voltage, Precision Comparator with Push-Pull
Output
General Description
The LMV761/762 are precision comparators intended for
applications requiring low noise and low input offset voltage.
The LV761 single has a shutdown pin that can be used to
disable the device and reduce the supply current. The
LMV761 is available in a space saving SOT23-6 or SOIC−8
package. The LMV762 dual is available in SOIC−8 or
MSOP-8 package.
They feature a CMOS input and Push-Pull output stage. The
Push-Pull output stage eliminates the need for an external
pull-up resistor.
The LMV761/762 are designed to meet the demands of
small size, low power and high performance required by
portable and battery operated electronics.
The input offset voltage has a typical value of 200µV at room
temp and a 1mV limit over temp.
Features
(V
S =5V, TA = 25˚C, Typical values unless specified)
n
Input offset voltage
0.2mV
n
Input offset voltage (max over temp)
1mV
n
Input bias current
0.2pA
n
Propagation delay (OD = 50mV)
120 nsec
n
Low supply current
300µA
n
CMRR
100dB
n
PSRR
110dB
n
Extended Temperature Range
−40˚C to 125˚C
n
Push-pull output
n
Ideal for 2.7V and 5V single supply applications
n
Available in space-saving packages:
6-Pin SOT23 (single w/shutdown)
8-Pin SOIC (single w/shutdown)
8-Pin SOIC/MSOP (dual without shutdown)
Applications
n
Portable and battery-powered systems
n
Scanners
n
Set top boxes
n
High speed differential line receiver
n
Window comparators
n
Zero-crossing detectors
n
High speed sampling circuits
Typical Circuit
20037032
Threshold Detector
V
OS vs. VCC
20037010
July 2002
© 2002 National Semiconductor Corporation
DS200370
www.national.com


Similar Part No. - LMV762MA

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV762MA NSC-LMV762MA Datasheet
350Kb / 12P
Low Voltage, Precision Comparator with Push-Pull Output
logo
Texas Instruments
LMV762MA TI1-LMV762MA Datasheet
1Mb / 20P
LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
LMV762MA TI1-LMV762MA Datasheet
1Mb / 25P
Low-Voltage, Precision Comparator With Push-Pull Output
LMV762MA TI2-LMV762MA Datasheet
993Kb / 32P
LMV76x and LMV762Q-Q1 Low-Voltage, Precision Comparator With Push-Pull Output
REVISED OCTOBER 2015
LMV762MA/NOPB TI1-LMV762MA/NOPB Datasheet
1Mb / 25P
Low-Voltage, Precision Comparator With Push-Pull Output
More results

Similar Description - LMV762MA

ManufacturerPart #DatasheetDescription
logo
Advanced Linear Devices
ALD2302A ALD-ALD2302A_07 Datasheet
59Kb / 6P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD4302A ALD-ALD4302A_05 Datasheet
47Kb / 6P
QUAD PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
logo
National Semiconductor ...
LMV762 NSC-LMV762 Datasheet
350Kb / 12P
Low Voltage, Precision Comparator with Push-Pull Output
logo
Advanced Linear Devices
ALD2302 ALD-ALD2302_10 Datasheet
75Kb / 9P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
ALD2332 ALD-ALD2332 Datasheet
90Kb / 11P
DUAL PRECISION CMOS VOLTAGE COMPARATOR WITH PUSH-PULL DRIVER
logo
Texas Instruments
LMV761 TI1-LMV761_14 Datasheet
1Mb / 20P
LMV761/LMV762/LMV762Q Low Voltage, Precision Comparator with Push-Pull Output
logo
SG Micro Corp
SGM8704 SGMICRO-SGM8704 Datasheet
368Kb / 17P
Push-Pull Output Comparator
SGM8705 SGMICRO-SGM8705 Datasheet
334Kb / 15P
Push-Pull Output Comparator
logo
Texas Instruments
LMV761 TI1-LMV761_15 Datasheet
1Mb / 25P
Low-Voltage, Precision Comparator With Push-Pull Output
logo
Diodes Incorporated
AZV3001A DIODES-AZV3001A Datasheet
554Kb / 10P
SINGLE CHANNEL LOW VOLTAGE PUSH-PULL OUTPUT COMPARATOR
March 2021 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com