Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX2430SLEX Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2430SLEX
Description  PLLatinum Dual High Frequency Synthesizer for RF Personal Communications
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2430SLEX Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button LMX2430SLEX Datasheet HTML 13Page - National Semiconductor (TI) LMX2430SLEX Datasheet HTML 14Page - National Semiconductor (TI) LMX2430SLEX Datasheet HTML 15Page - National Semiconductor (TI) LMX2430SLEX Datasheet HTML 16Page - National Semiconductor (TI) LMX2430SLEX Datasheet HTML 17Page - National Semiconductor (TI) LMX2430SLEX Datasheet HTML 18Page - National Semiconductor (TI) LMX2430SLEX Datasheet HTML 19Page - National Semiconductor (TI) LMX2430SLEX Datasheet HTML 20Page - National Semiconductor (TI) LMX2430SLEX Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 49 page
background image
Typical Performance Characteristics
Sensitivity (Continued)
LMX243x OSCin Input Voltage Vs Frequency
Vcc = EN = 2.25V
200535A4
LMX243x OSCin Input Voltage Vs Frequency
Vcc = EN = 2.75V
200535A5
www.national.com
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com