Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DS9622 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DS9622
Description  Dual Line Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS9622 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS9622 Datasheet HTML 1Page - National Semiconductor (TI) DS9622 Datasheet HTML 2Page - National Semiconductor (TI) DS9622 Datasheet HTML 3Page - National Semiconductor (TI) DS9622 Datasheet HTML 4Page - National Semiconductor (TI) DS9622 Datasheet HTML 5Page - National Semiconductor (TI) DS9622 Datasheet HTML 6Page - National Semiconductor (TI) DS9622 Datasheet HTML 7Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Storage Temperature Range
−65˚C to +175˚C
Operating Temperature Range
−55˚C to +125˚C
Lead Temperature
(Soldering, 60 sec.)
300˚C
Internal Power Dissipation (Note 5)
400 mW
V
+ to GND
−0.5V to +7.0V
Input Voltage
±15V
Voltage Applied to Outputs
for Output High State
−0.5V to +13.2V
V
− to GND
−0.5V to −12V
Enable to GND
−0.5V to +15V
Operating Conditions
Min
Max
Units
Supply Voltage, V
CC
4.5
5.5
V
Temperature, T
A
−55
+125
˚C
Electrical Characteristics (Notes 2, 3)
Symbol
Parameter
Conditions
Min
Max
Units
V
OL
Output Voltage LOW
V
+ = S3 = 4.5V, V− = −11V,
V
DIFF = 2.0V, IOL = 12.4 mA,
0.4
V
EN = Open
V
OH
Output Voltage HIGH
V
+ = 4.5V, V− = −9.0V,
S3 = 0V, V
DIFF = 1.0V,
2.8
V
I
OH = −0.2 mA, EN = Open
I
CEX
Output Leakage Current
V
+ = 4.5V, V− = −11V,
S3 = 0V, V
DIFF = 1.0V,
200
µA
V
O = 12V, EN = Open
I
OS
Output Short Circuit
V
+ = 5.0V, V− = −10V,
Current (Note 4)
V
DIFF = 1.0V, VO = S3 = 0V,
−3.1
−1.4
mA
EN = Open
I
R(EN)
Enable Input
V
+ = S3 = 4.5V, V− = −11V,
5.0
µA
Leakage Current
I
N = Open, EN = 4.0V
I
F(EN)
Enable Input
V
+ = 5.5V, V− = −9.0V
−1.5
mA
Forward Current
V
I = Open, EN = S3 = 0V
I
F(+IN)
+Input Forward Current
V
+ = 5.0V, V− = −10V,
V
I
+ = 0V, V
I
− = GND,
−2.3
mA
EN = S3 = Open
I
F(−IN)
−Input Forward Current
V
+ = S3 = 5.0V, V− = −10V,
V
I
+ = GND, V
I
− = 0V,
−2.6
mA
EN = Open
V
IL(EN)
Input Voltage LOW
4.5V
≤ V+ ≤ 5.5V,
+25˚C
1.0
V
−11V
≤ V− ≤ −9.0V,
+125˚C
0.7
V
EN = Open
−55˚C
1.3
V
V
TH
Differential Input
4.5V,
≤ V+ ≤ 5.5V,
Threshold Voltage
−11V
≤ V− ≤ −9.0V,
1.0
2.0
V
EN = Open
V
CM
Common Mode Voltage
V
+ = 5.0V, V− = −10V,
25˚C
−10
+10
V
1.0V
≤ V
DIFF ≤ 2.0V
R
T
Terminating Resistance
25˚C
91
215
Ω
I
+
Positive Supply Current
V
+ = S3 = V
I
+ = 5.5V,
25˚C
22.9
mA
I
−
Negative Supply Current
V
− = 11V, V
I
− = 0V
−11.1
mA
www.national.com
2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com