Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP3883ESX-1.2 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LP3883ESX-1.2
Description  3A Fast-Response Ultra Low Dropout Linear Regulators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3883ESX-1.2 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  LP3883ESX-1.2 Datasheet HTML 1Page - National Semiconductor (TI) LP3883ESX-1.2 Datasheet HTML 2Page - National Semiconductor (TI) LP3883ESX-1.2 Datasheet HTML 3Page - National Semiconductor (TI) LP3883ESX-1.2 Datasheet HTML 4Page - National Semiconductor (TI) LP3883ESX-1.2 Datasheet HTML 5Page - National Semiconductor (TI) LP3883ESX-1.2 Datasheet HTML 6Page - National Semiconductor (TI) LP3883ESX-1.2 Datasheet HTML 7Page - National Semiconductor (TI) LP3883ESX-1.2 Datasheet HTML 8Page - National Semiconductor (TI) LP3883ESX-1.2 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
LP3883
3A Fast-Response Ultra Low Dropout Linear Regulators
General Description
The LP3883 is a high-current, fast-response regulator which
can maintain output voltage regulation with minimum input to
output voltage drop. Fabricated on a CMOS process, the
device operates from two input voltages: Vbias provides
voltage to drive the gate of the N-MOS power transistor,
while Vin is the input voltage which supplies power to the
load. The use of an external bias rail allows the part to
operate from ultra low Vin voltages. Unlike bipolar regula-
tors, the CMOS architecture consumes extremely low quies-
cent current at any output load current. The use of an
N-MOS power transistor results in wide bandwidth, yet mini-
mum external capacitance is required to maintain loop sta-
bility.
The fast transient response of these devices makes them
suitable for use in powering DSP, Microcontroller Core volt-
ages and Switch Mode Power Supply post regulators. The
parts are available in TO-220 and TO-263 packages.
Dropout Voltage: 210 mV (typ) @ 3A load current.
Ground Pin Current: 3 mA (typ) at full load.
Shutdown Current: 60 nA (typ) when S/D pin is low.
Precision Output Voltage: 1.5% room temperature accu-
racy.
Features
n
Ultra low dropout voltage (210 mV @ 3A typ)
n
Low ground pin current
n
Load regulation of 0.04%/A
n
60 nA typical quiescent current in shutdown
n
1.5% output accuracy (25˚C)
n
TO-220, TO-263 packages
n
Over temperature/over current protection
n
−40˚C to +125˚C junction temperature range
Applications
n
DSP Power Supplies
n
Server Core and I/O Supplies
n
Linear Power Supplies for PC Add-in-Cards
n
Set-Top Box Power Supplies
n
Microprocessor Power Supplies
n
High Efficiency Linear Power Supplies
n
SMPS Post-Regulators
Typical Application Circuit
20062401
At least 4.7 µF of input and output capacitance is required for stability.
Connection Diagrams
20062402
TO-220, Top View
20062403
TO-263, Top View
August 2003
© 2003 National Semiconductor Corporation
DS200624
www.national.com


Similar Part No. - LP3883ESX-1.2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP3883ESX-1.2 TI-LP3883ESX-1.2 Datasheet
1Mb / 19P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3883ESX-1.2/NOPB TI-LP3883ESX-1.2/NOPB Datasheet
1Mb / 19P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3883ESX-1.2/NOPB TI2-LP3883ESX-1.2/NOPB Datasheet
854Kb / 20P
LP3883 3A Fast-Response Ultra Low Dropout Linear Regulators
REVISED APRIL 2013
LP3883ESX-1.2/NOPB.A TI2-LP3883ESX-1.2/NOPB.A Datasheet
854Kb / 20P
LP3883 3A Fast-Response Ultra Low Dropout Linear Regulators
REVISED APRIL 2013
More results

Similar Description - LP3883ESX-1.2

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP3853 NSC-LP3853 Datasheet
417Kb / 18P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3873 NSC-LP3873 Datasheet
365Kb / 16P
3A Fast Ultra Low Dropout Linear Regulators
LP3893 NSC-LP3893 Datasheet
342Kb / 12P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3856-ADJ NSC-LP3856-ADJ Datasheet
745Kb / 15P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3963 NSC-LP3963_06 Datasheet
769Kb / 17P
3A Fast Ultra Low Dropout Linear Regulators
logo
Texas Instruments
LP3853ET-33 TI1-LP3853ET-33 Datasheet
2Mb / 25P
LP3853/LP3856 3A Fast Response Ultra Low Dropout Linear Regulators
LP3856-ADJ TI-LP3856-ADJ_15 Datasheet
1Mb / 22P
3A Fast Response Ultra Low Dropout Linear Regulators
LP3873 TI-LP3873_15 Datasheet
2Mb / 24P
3A Fast Ultra Low Dropout Linear Regulators
LP3883 TI-LP3883_15 Datasheet
1Mb / 19P
3A Fast-Response Ultra Low Dropout Linear Regulators
LP3893 TI-LP3893_15 Datasheet
1Mb / 16P
3A Fast-Response Ultra Low Dropout Linear Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com